Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1608JB0J475M Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # C1608JB0J475M
Description  1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

C1608JB0J475M Datasheet(HTML) 2 Page - Richtek Technology Corporation

  C1608JB0J475M Datasheet HTML 1Page - Richtek Technology Corporation C1608JB0J475M Datasheet HTML 2Page - Richtek Technology Corporation C1608JB0J475M Datasheet HTML 3Page - Richtek Technology Corporation C1608JB0J475M Datasheet HTML 4Page - Richtek Technology Corporation C1608JB0J475M Datasheet HTML 5Page - Richtek Technology Corporation C1608JB0J475M Datasheet HTML 6Page - Richtek Technology Corporation C1608JB0J475M Datasheet HTML 7Page - Richtek Technology Corporation C1608JB0J475M Datasheet HTML 8Page - Richtek Technology Corporation C1608JB0J475M Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT8024
2
DS8024-02 March 2011
www.richtek.com
Layout note:
1. The distance that CIN connects to VIN is as close as possible (Under 2mm).
2. COUT should be placed near RT8024.
Typical Application Circuit
Figure 1. Fixed Voltage Regulator
Figure 2. Adjustable Voltage Regulator
⎛ +
=
R2
R1
1
x
V
V
REF
OUT
with R2 = 300k
Ω to 60kΩ so the IR2 = 2μA to 10μA,
and (R1 x C1) should be in the range between 3x10-6 and 6x10-6 for component selection.
Layout Guide
Figure 3
EN
GND
LX
VOUT
2
3
5
4
1
VIN
GND
V
IN
V
OUT
C
OUT
C
IN
GND
L
EN
GND
LX
FB
2
3
5
4
1
VIN
GND
V
IN
V
OUT
C
OUT
C
IN
GND
C1
R1
R2
L
V
OUT
4.7µF
10µF
VIN
LX
GND
RT8024
EN
VOUT
2.2µH
2.2V to 5.5V
VIN
VOUT
CIN
L
5
3
4
1
2
COUT
4.7µF
10µF
VIN
LX
GND
RT8024
EN
FB
2.2µH
2.2V to 5.5V
VIN
VOUT
CIN
L
5
3
4
1
2
COUT
R1
R2
C1
IR2


Similar Part No. - C1608JB0J475M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
C1608JB0J475M RICHTEK-C1608JB0J475M Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
C1608JB0J475M RICHTEK-C1608JB0J475M Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
C1608JB0J475M RICHTEK-C1608JB0J475M Datasheet
394Kb / 15P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
C1608JB0J475M RICHTEK-C1608JB0J475M Datasheet
217Kb / 13P
   1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
C1608JB0J475M RICHTEK-C1608JB0J475M Datasheet
223Kb / 11P
   Dual 800mA, 1.25MHz Synchronous Step-Down Converter
More results

Similar Description - C1608JB0J475M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8025 RICHTEK-RT8025 Datasheet
217Kb / 13P
   1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
   1.5A 1.5MHz high efficiency PWM step down DC/DC converter
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8008 RICHTEK-RT8008 Datasheet
211Kb / 14P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
RT8026 RICHTEK-RT8026 Datasheet
274Kb / 12P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com