Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8020E Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8020E
Description  Dual High-Efficiency PWM Step-Down DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8020E Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8020E Datasheet HTML 1Page - Richtek Technology Corporation RT8020E Datasheet HTML 2Page - Richtek Technology Corporation RT8020E Datasheet HTML 3Page - Richtek Technology Corporation RT8020E Datasheet HTML 4Page - Richtek Technology Corporation RT8020E Datasheet HTML 5Page - Richtek Technology Corporation RT8020E Datasheet HTML 6Page - Richtek Technology Corporation RT8020E Datasheet HTML 7Page - Richtek Technology Corporation RT8020E Datasheet HTML 8Page - Richtek Technology Corporation RT8020E Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT8020E
2
DS8020E-02 March 2011
www.richtek.com
Typical Application Circuit
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
VIN2
Power Input of Channel 2.
2
LX2
Pin for Switching of Channel 2.
3, 9,
13 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
4
FB1
Feedback of Channel 1.
5, 11
NC1, NC2
No Internal Connection or Connect to VIN.
6
EN1
Chip Enable of Channel 1 (Active High). VEN1 ≦ VIN1.
7
VIN1
Power Input of Channel 1.
8
LX1
Pin for Switching of Channel 1.
10
FB2
Feedback of Channel 2.
12
EN2
Chip Enable of Channel 2 (Active High). VEN2 ≦ VIN2.
EN2
NC2
FB2
VIN2
LX2
FB1
RT8020E
1
2
4
9
10
11
GND
LX1
GND
8
5 NC1
12
VOUT2
L2
4.7µH
CIN2
10µF
VIN1 7
6 EN1
VIN1
4.7µF
L1
4.7µH
4.7µF
VOUT1
10µF
VIN2
COUT1
CIN1
COUT2
3, 13 (Exposed Pad)
1.8V
1.2V


Similar Part No. - RT8020E

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8020 RICHTEK-RT8020 Datasheet
218Kb / 14P
   Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020AGQW RICHTEK-RT8020AGQW Datasheet
218Kb / 14P
   Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020APQW RICHTEK-RT8020APQW Datasheet
218Kb / 14P
   Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020BGQW RICHTEK-RT8020BGQW Datasheet
218Kb / 14P
   Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020BPQW RICHTEK-RT8020BPQW Datasheet
218Kb / 14P
   Dual High-Efficiency PWM Step-Down DC-DC Converter
More results

Similar Description - RT8020E

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306D DIODES-PAM2306D Datasheet
358Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM5202 HMSEMI-HM5202 Datasheet
660Kb / 8P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT8020 RICHTEK-RT8020 Datasheet
218Kb / 14P
   Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020 RICHTEK-RT8020_12 Datasheet
394Kb / 15P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Diodes Incorporated
PAM2322AGEAR DIODES-PAM2322AGEAR Datasheet
769Kb / 13P
   Dual High-Efficiency PWM Step-Down DC-DC Converter
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com