Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3225X5R0J226M Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # C3225X5R0J226M
Description  3A, 2MHz, Synchronous Step-Down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

C3225X5R0J226M Datasheet(HTML) 4 Page - Richtek Technology Corporation

  C3225X5R0J226M Datasheet HTML 1Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 2Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 3Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 4Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 5Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 6Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 7Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 8Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RT8015D
4
DS8015D-02 March 2011
www.richtek.com
Operation
Main Control Loop
The RT8015D is a monolithic, constant-frequency, current
mode step-down DC/DC converter. During normal
operation, the internal top power switch (P-Channel
MOSFET) is turned on at the beginning of each clock
cycle. Current in the inductor increases until the peak
inductor current reach the value defined by the voltage on
the COMP pin. The error amplifier adjusts the voltage on
the COMP pin by comparing the feedback signal from a
resistor divider on the FB pin with an internal 0.8V
reference. When the load current increases, it causes a
reduction in the feedback voltage relative to the reference.
The error amplifier raises the COMP voltage until the
average inductor current matches the new load current.
When the top power MOSFET shuts off, the synchronous
power switch (N-MOSFET) turns on until either the bottom
current limit is reached or the beginning of the next clock
cycle.
The operating frequency is set by an external resistor
connected between the RT pin and ground. The practical
switching frequency can range from 300kHz to 2MHz.
Dropout Operation
When the input supply voltage decreases toward the output
voltage, the duty cycle increases toward the maximum
on-time. Further reduction of the supply voltage forces
the main switch to remain on for more than one cycle
eventually reaching 100% duty cycle.
The output voltage will then be determined by the input
voltage minus the voltage drop across the internal
P-Channel MOSFET and the inductor.
Low Supply Operation
The RT8015D is designed to operate down to an input
supply voltage of 2.6V. One important consideration at
low input supply voltages is that the RDS(ON) of the
P-Channel and N-Channel power switches increases. The
user should calculate the power dissipation when the
RT8015D is used at 100% duty cycle with low input
voltages to ensure that thermal limits are not exceeded.
Slope Compensation and Inductor Peak Current
Slope compensation provides stability in constant
frequency architectures by preventing sub-harmonic
oscillations at duty cycles greater than 50%. It is
accomplished internally by adding a compensating ramp
to the inductor current signal. Normally, the maximum
inductor peak current is reduced when slope compensation
is added. In the RT8015D, however, separated inductor
current signals are used to monitor over current condition.
This keeps the maximum output current relatively constant
regardless of duty cycle.
Short Circuit Protection
When the output is shorted to ground, the inductor current
decays very slowly during a single switching cycle. A
current runaway detector is used to monitor inductor
current. As current increasing beyond the control of current
loop, switching cycles will be skipped to prevent current
runaway from occurring.


Similar Part No. - C3225X5R0J226M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
C3225X5R0J226M RICHTEK-C3225X5R0J226M Datasheet
237Kb / 15P
   2A, 24V, 1.2MHz Step-Down Converter
C3225X5R0J226M RICHTEK-C3225X5R0J226M Datasheet
296Kb / 15P
   2A, 2MHz, Synchronous Step-Down Regulator
C3225X5R0J226M RICHTEK-C3225X5R0J226M Datasheet
230Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
C3225X5R0J226M RICHTEK-C3225X5R0J226M Datasheet
457Kb / 16P
   3A, 2MHz, Synchronous Step-Down Converter
C3225X5R0J226M RICHTEK-C3225X5R0J226M Datasheet
324Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
More results

Similar Description - C3225X5R0J226M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015B RICHTEK-RT8015B Datasheet
457Kb / 16P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055 RICHTEK-RT8055 Datasheet
324Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055B RICHTEK-RT8055B Datasheet
173Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015A RICHTEK-RT8015A Datasheet
230Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8065 RICHTEK-RT8065 Datasheet
204Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
RT8070 RICHTEK-RT8070 Datasheet
189Kb / 12P
   4A, 2MHz, Synchronous Step-Down Converter
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com