Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3225X5R0J226M Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # C3225X5R0J226M
Description  3A, 2MHz, Synchronous Step-Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

C3225X5R0J226M Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button C3225X5R0J226M Datasheet HTML 7Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 8Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 9Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 10Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 11Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 12Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 13Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 14Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
RT8015B
11
DS8015B-04
March 2011
www.richtek.com
applications provided that consideration is given to ripple
current ratings and long term reliability. Ceramic capacitors
have excellent low ESR characteristics but can have a
high voltage coefficient and audible piezoelectric effects.
The high Q of ceramic capacitors with trace inductance
can also lead to significant ringing.
Using Ceramic Input and Output Capacitors
Higher values, lower cost ceramic capacitors are now
becoming available in smaller case sizes. Their high ripple
current, high voltage rating and low ESR make them ideal
for switching regulator applications. However, care must
be taken when these capacitors are used at the input and
output. When a ceramic capacitor is used at the input
and the power is supplied by a wall adapter through long
wires, a load step at the output can induce ringing at the
input, VIN. At best, this ringing can couple to the output
and be mistaken as loop instability. At worst, a sudden
inrush of current through the long wires can potentially
cause a voltage spike at VIN large enough to damage the
part.
Checking Transient Response
The regulator loop response can be checked by looking
at the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to
ΔILOAD(ESR), where ESR is the effective series
resistance of COUT.
ΔILOAD also begins to charge or
discharge COUT generating a feedback error signal used
by the regulator to return VOUT to its steady state value.
During this recovery time, VOUT can be monitored for
overshoot or ringing that would indicate a stability problem.
The COMP pin external components and output capacitor
shown in Typical Application Circuit will provide adequate
compensation for most applications.
Efficiency Considerations
The efficiency of a switching regulator is equal to the output
power divided by the input power times 100%. It is often
useful to analyze individual losses to determine what is
limiting the efficiency and which change would produce
the most improvement. Efficiency can be expressed as :
Efficiency = 100%
− (L1+ L2+ L3+ ...) where L1, L2, etc.
are the individual losses as a percentage of input power.
Although all dissipative elements in the circuit produce
losses, two main sources usually account for most of the
losses: VDD quiescent current and I
2R losses.
The VDD quiescent current loss dominates the efficiency
loss at very low load currents whereas the I2R loss
dominates the efficiency loss at medium to high load
currents. In a typical efficiency plot, the efficiency curve
at very low load currents can be misleading since the
actual power lost is of no consequence.
1. The VDD quiescent current is due to two components :
the DC bias current as given in the electrical characteristics
and the internal main switch and synchronous switch gate
charge currents. The gate charge current results from
switching the gate capacitance of the internal power
MOSFET switches. Each time the gate is switched from
high to low to high again, a packet of charge
ΔQ moves
from VDD to ground. The resulting
ΔQ/Δt is the current out
of VDD that is typically larger than the DC bias current. In
continuous mode, IGATECHG= f(QT+QB) where QT and QB
are the gate charges of the internal top and bottom
switches.
Both the DC bias and gate charge losses are proportional
to VDD and thus their effects will be more pronounced at
higher supply voltages.
2. I2R losses are calculated from the resistances of the
internal switches, RSW and external inductor RL. In
continuous mode, the average output current flowing
through inductor L is
“chopped” between the main switch
and the synchronous switch. Thus, the series resistance
looking into the LX pin is a function of both top and bottom
MOSFET RDS(ON) and the duty cycle (D) as follows :
RSW = RDS(ON)TOP x D + RDS(ON)BOT x (1"D) The RDS(ON)
for both the top and bottom MOSFETs can be obtained
from the Typical Performance Characteristics curves. Thus,
to obtain I2R losses, simply add RSW to RL and multiply
the result by the square of the average output current.
Other losses including CIN and COUT ESR dissipative
losses and inductor core losses generally account for less
than 2% of the total loss.


Similar Part No. - C3225X5R0J226M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
C3225X5R0J226M RICHTEK-C3225X5R0J226M Datasheet
237Kb / 15P
   2A, 24V, 1.2MHz Step-Down Converter
C3225X5R0J226M RICHTEK-C3225X5R0J226M Datasheet
296Kb / 15P
   2A, 2MHz, Synchronous Step-Down Regulator
C3225X5R0J226M RICHTEK-C3225X5R0J226M Datasheet
230Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
C3225X5R0J226M RICHTEK-C3225X5R0J226M Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
C3225X5R0J226M RICHTEK-C3225X5R0J226M Datasheet
324Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
More results

Similar Description - C3225X5R0J226M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055 RICHTEK-RT8055 Datasheet
324Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055B RICHTEK-RT8055B Datasheet
173Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015A RICHTEK-RT8015A Datasheet
230Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8065 RICHTEK-RT8065 Datasheet
204Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
RT8070 RICHTEK-RT8070 Datasheet
189Kb / 12P
   4A, 2MHz, Synchronous Step-Down Converter
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com