Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2012X5R0J106M Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # C2012X5R0J106M
Description  3A, 2MHz, Synchronous Step-Down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

C2012X5R0J106M Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button C2012X5R0J106M Datasheet HTML 3Page - Richtek Technology Corporation C2012X5R0J106M Datasheet HTML 4Page - Richtek Technology Corporation C2012X5R0J106M Datasheet HTML 5Page - Richtek Technology Corporation C2012X5R0J106M Datasheet HTML 6Page - Richtek Technology Corporation C2012X5R0J106M Datasheet HTML 7Page - Richtek Technology Corporation C2012X5R0J106M Datasheet HTML 8Page - Richtek Technology Corporation C2012X5R0J106M Datasheet HTML 9Page - Richtek Technology Corporation C2012X5R0J106M Datasheet HTML 10Page - Richtek Technology Corporation C2012X5R0J106M Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
RT8015A
7
DS8015A-04 March 2011
www.richtek.com
Typical Operating Characteristics
Quiescent Current vs. Input Voltage
360
370
380
390
400
410
420
430
440
450
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
Efficiency vs. Load Current
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
Load Current (A)
VIN = 5V
VIN = 5.5V
VOUT = 2.5V
VIN = 4.5V
Output Voltage vs. Load Current
2.456
2.460
2.464
2.468
2.472
2.476
2.480
2.484
2.488
2.492
0.00.5
1.01.5
2.02.5
3.0
Load Current (A)
VIN = 5V
Peak Current Limit vs. Input Voltage
2.0
2.5
3.0
3.5
4.0
4.5
5.0
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
Input Voltage (V)
VOUT = 2.5V
Frequency vs. Temperature
0.98
1.00
1.02
1.04
1.06
1.08
-50
-25
0
25
50
75
100
125
Temperature
VIN = 5V, VOUT = 2.5V, IOUT = 0A
(
°C)
Quiescent Current vs. Temperature
380
390
400
410
420
430
440
450
-50-25
0
25
50
75100
125
Temperature
VIN = 5V
(
°C)


Similar Part No. - C2012X5R0J106M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
C2012X5R0J106M TI-C2012X5R0J106M Datasheet
380Kb / 8P
[Old version datasheet]   Medium Integrated Power Solution Using a Dual DC/DC Converter and an LDO
logo
Richtek Technology Corp...
C2012X5R0J106M RICHTEK-C2012X5R0J106M Datasheet
457Kb / 16P
   3A, 2MHz, Synchronous Step-Down Converter
C2012X5R0J106M RICHTEK-C2012X5R0J106M Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
C2012X5R0J106M RICHTEK-C2012X5R0J106M Datasheet
174Kb / 11P
   1.2MHz/1.2A Buck Converter with Programmable Average Input Current Limit
C2012X5R0J106M RICHTEK-C2012X5R0J106M Datasheet
324Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
More results

Similar Description - C2012X5R0J106M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015B RICHTEK-RT8015B Datasheet
457Kb / 16P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055 RICHTEK-RT8055 Datasheet
324Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055B RICHTEK-RT8055B Datasheet
173Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
RT8065 RICHTEK-RT8065 Datasheet
204Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
RT8070 RICHTEK-RT8070 Datasheet
189Kb / 12P
   4A, 2MHz, Synchronous Step-Down Converter
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com