Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7197 Datasheet(PDF) 10 Page - Analog Devices

Part # ADV7197
Description  Multiformat HDTV Encoder with Three 11-Bit DACs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7197 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADV7197 Datasheet HTML 6Page - Analog Devices ADV7197 Datasheet HTML 7Page - Analog Devices ADV7197 Datasheet HTML 8Page - Analog Devices ADV7197 Datasheet HTML 9Page - Analog Devices ADV7197 Datasheet HTML 10Page - Analog Devices ADV7197 Datasheet HTML 11Page - Analog Devices ADV7197 Datasheet HTML 12Page - Analog Devices ADV7197 Datasheet HTML 13Page - Analog Devices ADV7197 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. 0
ADV7197
–10–
FUNCTIONAL DESCRIPTION
Digital Inputs
The digital inputs of the ADV7197 are TTL-compatible. 30-bit
YCrCb or RGB pixel data in 4:4:4 format or 20-bit YCrCb pixel
data in 4:2:2 format is latched into the device on the rising edge
of each clock cycle at 74.25 MHz or 74.1758 in HDTV mode.
It is recommended to input data in 4:2:2 mode to make use of
the Chroma SSAFs on the ADV7197. As can be seen in the
figures below, these filters have 0 dB passband response and
prevent signal components being folded back into the frequency
band. In 4:4:4 input mode, the video data is already interpo-
lated by an external input device and the chroma SSAFs of the
ADV7197 are bypassed.
RBW 10kHz
VBW 300Hz
SWP 17.0SEC
START 100kHz
STOP
20.00MHz
RL –10.0dBm
10dB/
3.18MHz
ATTEN
10dB
VAVG
1
MKR
0dB
Figure 6. SSAF Response to a 2.5 MHz Chroma Sweep
Using 4:2:2 Input Mode
RBW 10kHz
VBW
300Hz
SWP
17.0SEC
START
100kHz
STOP
20.00MHz
RL –10.0dBm
10dB/
3.12MHz
ATTEN
10dB
VAVG
4
MKR
–3.00dB
Figure 7. Conventional Filter Response to a 2.5 MHz Chroma
Sweep Using 4:4:4 Input Mode
Control Signals
The ADV7197 accepts sync control signals accompanied by
valid 4:2:2 or 4:4:4 data. These external horizontal, vertical and
blanking pulses (or EAV/SAV codes) control the insertion of
appropriate sync information into the output signals.
Analog Outputs
The analog Y signal is output on the 11-bit + Sync DAC A,
the color component analog signals on the 11-bit DACs B, C
conforming to EIA-770.3 standards RSET has a value of 2470
(EIA-770.3), RLOAD has a value of 300
Ω. For the outputs to con-
form to RS-170/RS-343A standards RSET must have a value
of 2820
Ω.
Internal Test Pattern Generator
The ADV7197 can generate a Cross-Hatch pattern (white lines
against a black background). Additionally, the ADV7197 can
output a uniform color pattern. The color of the lines or uni-
form field/frame can be programmed by the user.
Y/CrCb Delay
The Y output and the color component outputs can be delayed
wrt the falling edge of the horizontal sync signal by up to four
clock cycles.
I
2C Filter
A selectable internal I
2C filter allows significant noise reduction
on the I
2C interface. For setting ALSB high, the input band-
width on the I
2C lines is reduced and pulses of less than 50 ns
are not passed to the I
2C controller. Setting ALSB low allows
greater input bandwidth on the I
2C lines.
MPU PORT DESCRIPTION
The ADV7197 support a 2-wire serial (I
2C-compatible) micro-
processor bus driving multiple peripherals. Two inputs Serial
Data (SDA) and Serial Clock (SCL) carry information between
any device connected to the bus. Each slave device is recognized
by a unique address. The ADV7197 has four possible slave
addresses for both read and write operations. These are unique
addresses for each device and are illustrated in Figure 8. The LSB
sets either a read or write operation. Logic Level “1” corresponds
to a read operation while Logic Level “0” corresponds to a write
operation. A1 is set by setting the ALSB pin of the ADV7197 to
Logic Level “0” or Logic Level “1.” When ALSB is set to “0,”
there is greater input bandwidth on the I
2C lines, which allows
high-speed data transfers on this bus. When ALSB is set to “1,”
there is reduced input bandwidth on the I
2C lines, which means
that pulses of less than 50 ns will not pass into the I
2C internal
controller. This mode is recommended for noisy systems.
0
X
1
0
1
01
A1
READ/WRITE
CONTROL
0
WRITE
1READ
ADDRESS
CONTROL
SET UP BY
ALSB
Figure 8. Slave Address
To control the various devices on the bus the following protocol
must be followed. First the master initiates a data transfer by
establishing a Start condition, defined by a high-to-low transi-
tion on SDA while SCL remains high. This indicates that an
address/data stream will follow. All peripherals respond to the
Start condition and shift the next eight bits (7-bit address + R/
W
bit). The bits are transferred from MSB down to LSB. The periph-
eral that recognizes the transmitted address responds by pulling
the data line low during the ninth clock pulse. This is known
as an Acknowledge Bit. All other devices withdraw from the bus
at this point and maintain an idle condition. The idle condition
is where the device monitors the SDA and SCL lines waiting for
the Start condition and the correct transmitted address. The R/
W
bit determines the direction of the data.


Similar Part No. - ADV7197

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7197 AD-ADV7197_15 Datasheet
252Kb / 20P
   Multiformat HDTV Encoder with Three 11-Bit DACs
REV. 0
More results

Similar Description - ADV7197

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7197 AD-ADV7197_15 Datasheet
252Kb / 20P
   Multiformat HDTV Encoder with Three 11-Bit DACs
REV. 0
ADV7195 AD-ADV7195_15 Datasheet
562Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV. A
ADV7195 AD-ADV7195 Datasheet
556Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV. A
ADV7312 AD-ADV7312 Datasheet
975Kb / 84P
   Multiformat 11-Bit HDTV Video Encoder
REV. 0
ADV7322 AD-ADV7322 Datasheet
973Kb / 88P
   Multiformat 11-Bit HDTV Video Encoder
Rev. PrA
ADV7322 AD-ADV7322_15 Datasheet
1,021Kb / 92P
   Multiformat 11-Bit HDTV Video Encoder
Rev. 0
ADV7312 AD-ADV7312_15 Datasheet
981Kb / 84P
   Multiformat 11-Bit HDTV Video Encoder
REV. 0
ADV7196A AD-ADV7196A_15 Datasheet
533Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV. 0
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com