Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7196A Datasheet(PDF) 22 Page - Analog Devices

Part # ADV7196A
Description  Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7196A Datasheet(HTML) 22 Page - Analog Devices

Back Button ADV7196A Datasheet HTML 18Page - Analog Devices ADV7196A Datasheet HTML 19Page - Analog Devices ADV7196A Datasheet HTML 20Page - Analog Devices ADV7196A Datasheet HTML 21Page - Analog Devices ADV7196A Datasheet HTML 22Page - Analog Devices ADV7196A Datasheet HTML 23Page - Analog Devices ADV7196A Datasheet HTML 24Page - Analog Devices ADV7196A Datasheet HTML 25Page - Analog Devices ADV7196A Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
REV. 0
ADV7196A
–22–
250
200
150
100
50
0
300
SIGNAL OUTPUTS
SIGNAL
INPUT
0.5
GAMMA CORRECTION BLOCK OUTPUT
TO A RAMP INPUT FOR VARIOUS GAMMA VALUES
0
50
100
150
200
250
LOCATION
0.3
1.5
1.8
Figure 36. Signal Input (Ramp) and Selectable Gamma
Output Curves
The gamma curves shown above are examples only, any user
defined curve is acceptable in the range of 16–240.
SHARPNESS FILTER CONTROL AND ADAPTIVE
FILTER CONTROL
There are three Filter modes available on the ADV7196A: one
Sharpness Filter mode and two Adaptive Filter modes.
SHARPNESS FILTER MODE
To enhance or attenuate the Y signal in the frequency ranges shown
in Figure 37, the following register settings must be used:
Sharpness Filter must be enabled (MR17 = “1”) and Adaptive
Filter Control must be disabled (MR57 = “0”).
To select one of the 256 individual responses, the according gain
values for each filter, which range from –8 to +7, must be pro-
grammed into the Filter Gain register.
ADAPTIVE FILTER MODE
The Adaptive Filter Threshold A, B, C registers, the Adaptive
Filter Gain 1, 2, 3 registers and the Filter Gain register are used
in Adaptive Filter mode. To activate the Adaptive Filter control,
Sharpness Filter must be enabled (MR17 = “1”) and Adaptive
Filter Control must be enabled (MR57 = “1”).
The derivative of the incoming signal is compared to the three pro-
grammable threshold values: Adaptive Filter Threshold A, B, C.
The edges can then be attenuated with the settings in Adaptive
Filter Gain 1, 2, 3 registers and Filter Gain register.
According to the settings of the Adaptive Mode control (MR56),
there are two Adaptive Filter Modes available:
1. Mode A: is used when Adaptive Filter Mode (MR56) is set
to “0.” In this case, Filter B (LPF) will be used in the adaptive
filter block. Also, only the programmed values for Gain B in
the Filter Gain, Adaptive Filter Gain 1, 2, 3 are applied when
needed. The Gain A values are fixed and can not be changed.
2. Mode B: is used when Adaptive Filter Mode (MR56) is set to
“1.” In this mode a cascade of Filter A and Filter B is used. Both
settings for Gain A and Gain B in the Filter Gain, Adaptive
Filter Gain 1, 2, 3 become active when needed.
FREQUENCY – MHz
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
02
4
6
8
10
12
14
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
7
FREQUENCY – MHz
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
02
46
8
10
12
14
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
7
SHARPNESS AND ADAPTIVE FILTER CONTROL MODE
INPUT SIGNAL: STEP
FREQUENCY – MHz
1.6
1.5
1.4
1.3
1.2
1.1
1.0
02
46
8
10
12
14
FREQUENCY RESPONSE IN SHARPNESS FILTER MODE
WITH KA = 3 and KB = 7
Figure 37. Sharpness and Adaptive Filter Control Mode


Similar Part No. - ADV7196A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7196A AD-ADV7196A_15 Datasheet
533Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV. 0
More results

Similar Description - ADV7196A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7196A AD-ADV7196A_15 Datasheet
533Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV. 0
ADV7195 AD-ADV7195_15 Datasheet
562Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV. A
ADV7195 AD-ADV7195 Datasheet
556Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV. A
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7197 AD-ADV7197 Datasheet
229Kb / 20P
   Multiformat HDTV Encoder with Three 11-Bit DACs
REV. 0
ADV7197 AD-ADV7197_15 Datasheet
252Kb / 20P
   Multiformat HDTV Encoder with Three 11-Bit DACs
REV. 0
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
ADV7304A AD-ADV7304A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com