Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADV7196A Datasheet(PDF) 4 Page - Analog Devices

Part No. ADV7196A
Description  Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADV7196A Datasheet(HTML) 4 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
REV. 0
–4–
ADV7196A–SPECIFICATIONS
3.3 V SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Test Conditions
STATIC PERFORMANCE
Resolution (Each DAC)
11
Bits
Integral Nonlinearity
1.5
LSB
Differential Nonlinearity
0.9
2.0
LSB
DIGITAL OUTPUTS
Output High Voltage, VOL
0.4
V
ISINK = 3.2 mA
Output Low Voltage, VOH
2.4
V
ISOURCE = 400
µA
Three State Leakage Current
10
µAV
IN = 0.4 V
Three State Output Capacitance
4
pF
DIGITAL AND CONTROL INPUTS
Input High Voltage, VIH
2V
Input Low Voltage, VIL
0.8
0.65
V
Input Current, IIN
01
µAVIN = 0.0 V or VDD
Input Capacitance, CIN
4pF
ANALOG OUTPUTS
Full-Scale Output Current
3.92
4.25
4.56
mA
DAC A
Output Current Range
3.92
4.25
4.56
mA
DAC A
Full-Scale Output Current
2.54
2.83
3.11
mA
DAC B, C
Output Current Range
2.39
2.66
2.93
mA
DAC B, C
DAC-to-DAC Matching
1.4
%
Output Compliance Range, VOC
0
1.4
V
Output Impedance, ROUT
100
k
Output Capacitance, COUT
7pF
VOLTAGE REFERENCE (External)
Reference Range, VREF
1.112
1.235
1.359
V
POWER REQUIREMENTS
IDD
2
25
35
mA
1
× Interpolation
IDD
2
51
60
mA
2
× Interpolation
IDD
2
40
mA
HDTV Mode
(with fCLK = 74.25 MHz)
IAA
3, 4
11
15
mA
1
× Interpolation, 2× Interpola-
tion, and HDTV Mode
IPLL
6.0
12
mA
1
× Interpolation, 2× Interpola-
tion, and HDTV Mode
Power Supply Rejection Ratio
0.01
%/%
NOTES
1Guaranteed by characterization.
2I
DD or the circuit current is the continuous current required to drive the digital core without I PLL.
3I
AA is the total current required to supply all DACs including the V REF circuitry.
4All DACs on.
Specifications subject to change without notice.
(VAA = 3.15 V to 3.45 V, VREF = 1.235 V, RSET = 2470
, RLOAD = 300
. All specifications TMIN to TMAX
(0 C to 70 C) unless otherwise noted.)
3 V DYNAMIC–SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Luma Bandwidth
13.5
MHz
Chroma Bandwidth
6.75
MHz
Signal-to-Noise Ratio
64
dB Luma Ramp Unweighted
Chroma/Luma Delay Inequality
0
ns
Specifications subject to change without notice.
(VAA = 3.15 V to 3.45 V, VREF = 1.235 V, RSET = 2470
, RLOAD = 300
. All specifications
TMIN to TMAX (0 C to 70 C) unless otherwise noted.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn