Electronic Components Datasheet Search |
|
SPKC1390 Datasheet(PDF) 1 Page - Rectron Semiconductor |
|
SPKC1390 Datasheet(HTML) 1 Page - Rectron Semiconductor |
1 / 3 page SCHOTTKY BARRIER RECTIFIER VOLTAGE 90 Volts CURRENT 12.5 Amperes MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 oC ambient temperature unless otherwise specified. resistive or inductive load. SPKC1390 SMCL MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted) ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at Derating Lead Temperature Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance (Note 1) Typical Junction Capacitance (Note 2) SYMBOL VRRM VDC IFSM CJ TSTG VRMS UNITS Volts Volts Volts Amps 12.5 150 2.0 60 700 Amps 0 C/W 0 C Storage Temperature Range R q JC R q JA IO pF Operating Temperature Range TJ -55 to + 175 0 C SPKC1390 SPKC1390 90 63 90 2010-05 REV: A CHARACTERISTICS Maximum Average Reverse Current at Rated DC Blocking Voltage VF SYMBOL IR mA Maximum Instantaneous Forward Voltage at 12.5A DC Volts 0.1 2 @TA = 25 oC @TA = 100 oC .65 mA UNITS FEATURES * High reliability * Low switching loss * Low forward voltage drop * High current capability * High switching capability * Epoxy: Device has UL flammability classification 94V-O * Case: Molded plastic * Lead: MIL-STD-202E method 208C guaranteed * Mounting: position: Any * Weight: 0.24 grams MECHANICAL DATA NOTES : 1. Thermal Resistance : Heat-sink case mounted or if PCB mounted. 2. Measured at 1 MHz and applied reverse voltage of 4.0 volts. 3. "Fully ROHS compliant", "100% Sn plating (Pb-free)". 4. Suffix "R" for Reverse Polarity. Dimensions in inches and (millimeters) 175(Tj<200 oC in By pass Mode) .006 (.152) .012 (.305) .008 (.203) .004 (.102) .320 (8.13) .305 (7.75) .030 (0.76) .060 (1.52) .260 (6.60) .280 (7.11) .220 (5.59) .245 (6.22) .125 (3.17) .115 (2.92) .059 (1.50) .041 (1.05) 5. Available in Halogen-free epoxy by adding suffix -HF after the part nbr. |
Similar Part No. - SPKC1390 |
|
Similar Description - SPKC1390 |