Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7192 Datasheet(PDF) 38 Page - Analog Devices

Part # ADV7192
Description  Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7192 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADV7192 Datasheet HTML 34Page - Analog Devices ADV7192 Datasheet HTML 35Page - Analog Devices ADV7192 Datasheet HTML 36Page - Analog Devices ADV7192 Datasheet HTML 37Page - Analog Devices ADV7192 Datasheet HTML 38Page - Analog Devices ADV7192 Datasheet HTML 39Page - Analog Devices ADV7192 Datasheet HTML 40Page - Analog Devices ADV7192 Datasheet HTML 41Page - Analog Devices ADV7192 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 69 page
background image
ADV7192
–38–
REV. 0
registers has the effect of turning the Pedestal OFF on the equiva-
lent line when used in NTSC. A Logic 1 in any of the bits of
these registers has the effect of turning Teletext ON on the
equivalent line when used in PAL.
PCO7
PCO6
PCO5
PCO4
PCO3
PCO2
PCO1
PCO0
FIELD 1/3
PCO15
PCO14
PCO13
PCO12
PCO11
PCO10
PCO9
PCO8
FIELD 1/3
PCE15
PCE14
PCE13
PCE12
PCE11
PCE10
PCE9
PCE8
PCE7
PCE6
PCE5
PCE4
PCE3
PCE2
PCE1
PCE0
LINE 17 LINE 16
LINE 15
LINE 14
LINE 13
LINE 12
LINE 11
LINE 10
LINE 25 LINE 24
LINE 23
LINE 22
LINE 21 LINE 20
LINE 19
LINE 18
LINE 17 LINE 16
LINE 15
LINE 14
LINE 13
LINE 12
LINE 11
LINE 10
LINE 25 LINE 24
LINE 23
LINE 22
LINE 21 LINE 20
LINE 19
LINE 18
FIELD 2/4
FIELD 2/4
Figure 73. Pedestal Control Registers
TXO7
TXO6
TXO5
TXO4
TXO3
TXO2
TXO1
TXO0
FIELD 1/3
TXO15
TXO14
TXO13
TXO12
TXO11
TXO10
TXO9
TXO8
FIELD 1/3
TXE15
TXE14
TXE13
TXE12
TXE11
TXE10
TXE9
TXE8
TXE7
TXE6
TXE5
TXE4
TXE3
TXE2
TXE1
TXE0
LINE 14 LINE 13
LINE 12
LINE 11
LINE 10
LINE 9
LINE 8
LINE 7
LINE 22 LINE 21
LINE 20
LINE 19
LINE 18 LINE 17
LINE 16
LINE 15
FIELD 2/4
FIELD 2/4
LINE 14 LINE 13
LINE 12
LINE 11
LINE 10
LINE 9
LINE 8
LINE 7
LINE 22 LINE 21
LINE 20
LINE 19
LINE 18 LINE 17
LINE 16
LINE 15
Figure 74. Teletext Control Registers
TELETEXT REQUEST CONTROL REGISTER TC07
(TC07–TC00)
(Address (SR4–SR0) = 1CH)
Teletext Control Register is an 8-bit-wide register. See Figure 75.
TTXREQ Falling Edge Control (TC00–TC03)
These bits control the position of the falling edge of TTXREQ.
It can be programmed from zero clock cycles to a maximum of 15
clock cycles. This controls the active window for Teletext data.
Increasing this value reduces the amount of Teletext bits below the
default of 360. If Bits TC00–TC03 are 00Hex when Bits TC04–
TC07 are changed then the falling edge of TTREQ will track that
of the rising edge (i.e., the time between the falling and rising
edge remains constant).
PCLK = clock cycle at 27 MHz.
TTXREQ Rising Edge Control (TC04–TC07)
These bits control the position of the rising edge of TTXREQ.
It can be programmed from zero clock cycles to a maximum of 15
clock cycles.
PCLK = clock cycle at 27 MHz.
TC07
TC06
TC05
TC04
TC03
TC02
TC01
TC00
TC03 TC02 TC01 TC00
0
0
0
0
0 PCLK
0
0
0
1
1 PCLK
''
''
''
''
'' PCLK
1
1
1
0
14 PCLK
1
1
1
1
15 PCLK
TTXREQ
FALLING EDGE CONTROL
TC07 TC06 TC05 TC04
0
0
0
0
0 PCLK
0
0
0
1
1 PCLK
''
''
''
''
'' PCLK
1
1
1
0
14 PCLK
1
1
1
1
15 PCLK
TTXREQ
RISING EDGE CONTROL
Figure 75. Teletext Control Register
CGMS_WSS REGISTER 0 C/W0 (C/W07–C/W00)
(Address (SR4–SR0) = 19H)
CGMS_WSS register 0 is an 8-bit-wide register. Figure 76 shows
the operations under control of this register.
C/W0 BIT DESCRIPTION
CGMS Data Bits (C/W00–C/W03)
These four data bits are the final four bits of CGMS data out-
put stream. Note it is CGMS data ONLY in these bit positions,
i.e., WSS data does not share this location.
CGMS CRC Check Control (C/W04)
When this bit is enabled (1), the last six bits of the CGMS data,
i.e., the CRC check sequence, is internally calculated by the
ADV7192. If this bit is disabled (0) the CRC values in the reg-
ister are output to the CGMS data stream.
CGMS Odd Field Control (C/W05)
When this bit is set (1), CGMS is enabled for odd fields. Note
this is only valid in NTSC mode.
CGMS Even Field Control (C/W06)
When this bit is set (1), CGMS is enabled for even fields. Note
this is only valid in NTSC mode.
WSS Control (C/W07)
When this bit is set (1), wide screen signalling is enabled. Note
this is only valid in PAL mode.
CGMS_WSS REGISTER 1 C/W1 (C/W17–C/W10)
(Address (SR4–SR0) = 1AH)
CGMS_WSS register 1 is an 8-bit-wide register. Figure 77 shows
the operations under control of this register.
C/W1 BIT DESCRIPTION
CGMS/WSS Data (C/W10–C/W15)
These bit locations are shared by CGMS data and WSS data. In
NTSC mode these bits are CGMS data. In PAL mode these bits
are WSS data.
C/W07
C/W06
C/W05
C/W04
C/W03
C/W02
C/W01
C/W00
0
DISABLE
1
ENABLE
C/W07
WSS CONTROL
0
DISABLE
1
ENABLE
C/W05
CGMS ODD FIELD
CONTROL
0
DISABLE
1
ENABLE
C/W06
CGMS EVEN FIELD
CONTROL
0
DISABLE
1
ENABLE
C/W04
CGMS CRC CHECK
CONTROL
C/W03 – C/W00
CGMS DATA BITS
Figure 76. CGMS_WSS Register 0


Similar Part No. - ADV7192

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7192 AD-ADV7192_15 Datasheet
2Mb / 69P
   Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV. A
More results

Similar Description - ADV7192

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7192 AD-ADV7192_15 Datasheet
2Mb / 69P
   Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV. A
ADV7191KSTZ AD-ADV7191KSTZ Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7190 AD-ADV7190_15 Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7191 AD-ADV7191_15 Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7194 AD-ADV7194_15 Datasheet
605Kb / 69P
   Video Encoder with 54 MHz Oversampling
REV. A
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
ADV7304A AD-ADV7304A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com