Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADV7172 Datasheet(PDF) 3 Page - Analog Devices

Part No. ADV7172
Description  Digital PAL/NTSC Video Encoder with Six DACs 10 Bits, Color Control and Enhanced Power Management
Download  59 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADV7172 Datasheet(HTML) 3 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
–3–
REV. A
ADV7172/ADV7173
(VAA = +5 V
5%1, VREF = 1.235 V, RSET1,2 = 600
unless otherwise noted. All specifications TMIN to TMAX
2
unless otherwise noted)
Parameter
Test Conditions
1
Min
Typ
Max
Units
STATIC PERFORMANCE
Resolution (Each DAC)
10
Bits
Accuracy (Each DAC)
Integral Nonlinearity3
±1.0
LSB
Differential Nonlinearity3
Guaranteed Monotonic
±1.0
LSB
DIGITAL INPUTS
Input High Voltage, VINH
2V
Input Low Voltage, VINL
0.8
V
Input Current, IIN
VIN = 0.4 V or 2.4 V
±1
µA
Input Capacitance, CIN
10
pF
DIGITAL OUTPUTS
Output High Voltage, VOH
ISOURCE = 400
µA
2.4
V
Output Low Voltage, VOL
ISINK = 3.2 mA
0.4
V
Three-State Leakage Current
10
µA
Three-State Output Capacitance
10
pF
ANALOG OUTPUTS
Output Current (DACs A, B, C)
4
RSET1 = 150
Ω, R
L = 37.5
33
34.7
37
mA
Output Current (DACs A, B, C)
5
RSET1 = 1041
Ω, R
L = 262.5
5mA
Output Current (DACs D, E, F)
6
RSET2 = 600
Ω, R
L = 150
8.25
8.66
9.25
mA
Output Current (DACs D, E, F)
5
RSET2 = 1041
Ω, R
L = 262.5
5mA
DAC-to-DAC Matching (DACs A, B, C)
7
1
4.0
%
DAC-to-DAC Matching (DACs D, E, F)
7
1
4.0
%
Output Compliance, VOC
0
+1.4
V
Output Impedance, ROUT
30
k
Output Capacitance, COUT
IOUT = 0 mA
30
pF
VOLTAGE REFERENCE
Reference Range, VREF
IVREFOUT = 20 µA
1.112
1.235
1.359
V
POWER REQUIREMENTS
VAA
4.75
5.0
5.25
V
Normal Power Mode
IDAC (max)
8, 9
RSET1,2 = 600
59
65
mA
IDAC (min)
8, 9
RSET1,2 = 1041
30
mA
ICCT
10
78
90
mA
Low Power Mode
IDAC (max)
11
RSET1 = 150
64
mA
IDAC (min)
11
15
mA
ICCT
10
78
90
mA
Sleep Mode
IDAC
12
0.1
µA
ICCT
13
0.1
µA
Power Supply Rejection Ratio
COMP = 0.1
µF
0.01
0.5
%/%
NOTES
1The max/min specifications are guaranteed over this range. The max/min values are typical over 4.75 V to 5.25 V.
2Temperature range T
MIN to TMAX: 0°C to +70°C.
3Characterized by design.
4Full drive into 75
Ω doubly terminated load.
5Minimum drive current (used with buffered/scaled output load).
6Full drive into 150
Ω load.
7Specification guaranteed by characterization.
8I
DAC is the total current (“min” corresponds to 5 mA output per DAC, “max” corresponds to 8.66 mA output per DAC ) to drive DACs A, B, C, D, E, F. Turning off
individual DACs reduces IDAC correspondingly, also DACs A, B, C can be configured to output a max current of 37 mA but DAC D, E, F must be turned off.
9All six DACs on (DAC A, B, C, D, E, F).
10I
CCT (Circuit Current) is the continuous current required to drive the device.
11Only large DACs (DACs A, B, C) on per low power mode.
12Total DAC current in Sleep Mode.
13Total continuous current during Sleep Mode.
Specifications subject to change without notice.
5 V SPECIFICATIONS
SPECIFICATIONS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn