Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7150LS85 Datasheet(PDF) 9 Page - Analog Devices

Part # ADV7150LS85
Description  CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7150LS85 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADV7150LS85 Datasheet HTML 5Page - Analog Devices ADV7150LS85 Datasheet HTML 6Page - Analog Devices ADV7150LS85 Datasheet HTML 7Page - Analog Devices ADV7150LS85 Datasheet HTML 8Page - Analog Devices ADV7150LS85 Datasheet HTML 9Page - Analog Devices ADV7150LS85 Datasheet HTML 10Page - Analog Devices ADV7150LS85 Datasheet HTML 11Page - Analog Devices ADV7150LS85 Datasheet HTML 12Page - Analog Devices ADV7150LS85 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
ADV7150
–9–
REV. A
ADV7150 PIN ASSIGNMENTS
Pin
Pin
Pin
Pin
Number
Mnemonic
Number
Mnemonic
Number
Mnemonic
Number
Mnemonic
1G3A
41
PS1D
81
NC
121
R1A
2G3B
42
B0A
82
D2
122
R1B
3G3C
43
B0B
83
NC
123
R1C
4G3D
44
B0C
84
GND
124
R1D
5G4A
45
B0D
85
GND
125
R2A
6G4B
46
B1A
86
GND
126
R2B
7G4C
47
B1B
87
D3
127
R2C
8G4D
48
B1C
88
D4
128
R2D
9G5A
49
B1D
89
D5
129
R3A
10
G5B
50
B2A
90
VAA
130
R3B
11
G5C
5 1
B2B
91
D6
131
R3C
12
G5D
52
B2C
92
D7
132
R3D
13
CLOCK
53
B2D
93
D8
133
R4A
14
CLOCK
54
B3A
94
D9
134
R4B
15
LOADIN
55
B3B
95
GND
135
R4C
16
LOADOUT
56
B3C
96
GND
136
R4D
17
VAA
57
B3D
97
GND
137
R5A
18
VAA
58
B4A
98
IOB
138
R5B
19
PRGCKOUT
59
B4B
99
IOR
139
R5C
20
SCKIN
60
B4C
100
IOG
140
R5D
21
SCKOUT
61
B4D
101
IOB
141
R6A
22
SYNCOUT
62
B5A
102
IOG
142
R6B
23
GND
63
B5B
103
VAA
143
R6C
24
GND
64
B5C
104
VAA
144
R6D
25
GND
65
B5D
105
VAA
145
R7A
26
G6A
66
B6A
106
IOR
146
R7B
27
G6B
67
B6B
107
COMP
147
R7C
28
G6C
68
B6C
108
VREF
148
R7D
29
G6D
69
B6D
109
RSET
149
G0A
30
G7A
70
B7A
110
IPLL
150
G0B
31
G7B
71
B7B
111
GND
151
G0C
32
G7C
72
B7C
112
VAA
152
G0D
33
G7D
73
B7D
113
VAA
153
G1A
34
PS0A
74
CE
114
VAA
154
G1B
35
PS0B
75
R/W
115
SYNC
155
G1C
36
PS0C
76
C0
116
BLANK
1 56
G1D
37
PS0D
77
C1
117
R0A
157
G2A
38
PS1A
78
D0
118
R0B
158
G2B
39
PS1B
79
D1
119
R0C
159
G2C
40
PS1C
80
GND
120
R0D
160
G2D
NC = No Connect.


Similar Part No. - ADV7150LS85

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7151 AD-ADV7151 Datasheet
1Mb / 32P
   CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7151LS110 AD-ADV7151LS110 Datasheet
1Mb / 32P
   CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7151LS135 AD-ADV7151LS135 Datasheet
1Mb / 32P
   CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7151LS170 AD-ADV7151LS170 Datasheet
1Mb / 32P
   CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7151LS220 AD-ADV7151LS220 Datasheet
1Mb / 32P
   CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
More results

Similar Description - ADV7150LS85

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7152 AD-ADV7152_15 Datasheet
335Kb / 32P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV7152 AD-ADV7152 Datasheet
454Kb / 32P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV7151 AD-ADV7151 Datasheet
1Mb / 32P
   CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7151 AD-ADV7151_15 Datasheet
1Mb / 32P
   CMOS 220 MHZ PSEUDO COLOR GRAPHICS TRIPLE 10 BIT VIDEO RAM DAC
REV. A
ADV473 AD-ADV473 Datasheet
200Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV473 AD-ADV473_15 Datasheet
204Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV7160 AD-ADV7160 Datasheet
668Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7160 AD-ADV7160_15 Datasheet
669Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7162 AD-ADV7162_15 Datasheet
669Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
logo
Texas Instruments
THS8136 TI-THS8136 Datasheet
480Kb / 17P
[Old version datasheet]   TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com