Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADV7170 Datasheet(PDF) 3 Page - Analog Devices

Part No. ADV7170
Description  Digital PAL/NTSC Video Encoder with 10-Bit SSAF™ and Advanced Power Management
Download  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADV7170 Datasheet(HTML) 3 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
–3–
REV. 0
ADV7170/ADV7171
Parameter
Conditions1
Min
Typ
Max
Units
STATIC PERFORMANCE3
Resolution (Each DAC)
10
Bits
Accuracy (Each DAC)
Integral Nonlinearity
RSET = 300
Ω±0.6
LSB
Differential Nonlinearity
Guaranteed Monotonic
±1
LSB
DIGITAL INPUTS3
Input High Voltage, VINH
2V
Input Low Voltage, VINL
0.8
V
Input Current, IIN
3, 4
VIN = 0.4 V or 2.4 V
±1
µA
Input Capacitance, CIN
10
pF
DIGITAL OUTPUTS
3
Output High Voltage, VOH
ISOURCE = 400
µA
2.4
V
Output Low Voltage, VOL
ISINK = 3.2 mA
0.4
V
Three-State Leakage Current
10
µA
Three-State Output Capacitance
10
pF
ANALOG OUTPUTS3
Output Current4, 5
RSET = 150
Ω, R
L = 37.5
33
34.7
37
mA
Output Current6
RSET = 1041
Ω, R
L = 262.5
5mA
DAC-to-DAC Matching
2.0
%
Output Compliance, VOC
0
+1.4
V
Output Impedance, ROUT
30
k
Output Capacitance, COUT
IOUT = 0 mA
30
pF
POWER REQUIREMENTS3, 7
VAA
3.0
3.3
3.6
V
Normal Power Mode
IDAC (max)
8
RSET = 150 Ω, RL = 37.5 Ω
150
155
mA
IDAC (min)
8
RSET = 1041 Ω, RL = 262.5 Ω
20
mA
ICCT
9
35
mA
Low Power Mode
IDAC (max)
8
80
mA
IDAC (min)
8
20
mA
ICCT
9
35
mA
Sleep Mode
IDAC
10
0.1
µA
ICCT
11
0.001
µA
Power Supply Rejection Ratio
COMP = 0.1
µF
0.01
0.5
%/%
NOTES
11The max/min specifications are guaranteed over this range. The max/min values are typical over 3.0 V to 3.6 V.
12Temperature range T
MIN to TMAX: 0°C to +70°C.
13Guaranteed by characterization.
14Full drive into 37.5
Ω load.
15DACs can output 35 mA typically at 3.3 V (R
SET = 150 Ω and RL = 37.5 Ω), optimum performance obtained at 18 mA DAC current (R SET = 300 Ω and RL = 75 Ω).
16Minimum drive current (used with buffered/scaled output load).
17Power measurements are taken with Clock Frequency = 27 MHz. Max T
J = 110 °C.
18I
DAC is the total current (min corresponds to 5 mA output per DAC, max corresponds to 38 mA output per DAC) to drive all four DACs. Turning off individual
DACs reduces IDAC correspondingly.
19I
CCT (Circuit Current) is the continuous current required to drive the device.
10Total DAC current in Sleep Mode.
11Total continuous current during Sleep Mode.
Specifications subject to change without notice.
3.3 V SPECIFICATIONS (V
AA = +3.0 V – 3.6 V
1, V
REF = 1.235 V, RSET = 150
. All specifications TMIN to TMAX
2 unless otherwise noted.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn