Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7122KP80 Datasheet(PDF) 6 Page - Analog Devices

Part # ADV7122KP80
Description  CMOS 80 MHz, Triple 10-Bit Video DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7122KP80 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADV7122KP80 Datasheet HTML 2Page - Analog Devices ADV7122KP80 Datasheet HTML 3Page - Analog Devices ADV7122KP80 Datasheet HTML 4Page - Analog Devices ADV7122KP80 Datasheet HTML 5Page - Analog Devices ADV7122KP80 Datasheet HTML 6Page - Analog Devices ADV7122KP80 Datasheet HTML 7Page - Analog Devices ADV7122KP80 Datasheet HTML 8Page - Analog Devices ADV7122KP80 Datasheet HTML 9Page - Analog Devices ADV7122KP80 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADV7121/ADV7122
–6–
REV. B
PIN FUNCTION DESCRIPTION
Pin
Mnemonic
Function
BLANK
*
Composite blank control input (TTL compatible). A logic zero on this control input drives the analog outputs,
IOR, IOB and IOG, to the blanking level. The BLANK signal is latched on the rising edge of CLOCK. While
BLANK
is a logical zero, the R0–R9, G0–G9 and R0–R9 pixel inputs are ignored.
SYNC
*
Composite sync control input (TTL compatible). A logical zero on the SYNC input switches off a 40 IRE
current source. This is internally connected to the IOG analog output. SYNC does not override any other
control or data input, therefore, it should only be asserted during the blanking interval. SYNC is latched on the
rising edge of CLOCK.
If sync information is not required on the green channel, the SYNC input should be tied to logical zero.
CLOCK
Clock input (TTL compatible). The rising edge of CLOCK latches the R0–R9, G0–G9, B0–B9, SYNC and
BLANK
pixel and control inputs. It is typically the pixel clock rate of the video system. CLOCK should be
driven by a dedicated TTL buffer.
R0–R9,
Red, green and blue pixel data inputs (TTL compatible). Pixel data is latched on the rising edge of CLOCK.
G0–G9,
R0, G0 and B0 are the least significant data bits. Unused pixel data inputs should be connected to either the
B0–B9
regular PCB power or ground plane.
IOR, IOG, IOB Red, green, and blue current outputs. These high impedance current sources are capable of directly driving a
doubly terminated 75
Ω coaxial cable. All three current outputs should have similar output loads whether or not
they are all being used.
FS ADJUST
Full-scale adjust control. A resistor (RSET) connected between this pin and GND, controls the magnitude of the
full-scale video signal. Note that the IRE relationships are maintained, regardless of the full-scale output current.
The relationship between RSET and the full-scale output current on IOG (assuming ISYNC is connected to IOG)
is given by:
RSET (
Ω)
= 12,082
× V
REF (V)/IOG (mA)
The relationship between RSET and the full-scale output current on IOR, IOG and IOB is given by:
IOG* (mA)
= 12,082
× V
REF (V)/RSET (
Ω) (SYNC being asserted)
IOR, IOB (mA)
= 8,628
× V
REF (V)/RSET (Ω)
The equation for IOG will be the same as that for IOR and IOB when SYNC is not being used, i.e., SYNC
tied permanently low. For the ADV7121, all three analog output currents are as described by:
IOR, IOG, IOB (mA)
= 7,969
× V
REF (V)/RSET (
Ω)
COMP
Compensation pin. This is a compensation pin for the internal reference amplifier. A 0.1
µF ceramic capacitor
must be connected between COMP and VAA.
VREF
Voltage reference input. An external 1.23 V voltage reference must be connected to this pin. The use of an
external resistor divider network is not recommended. A 0.1
µF decoupling ceramic capacitor should be
connected between VREF and VAA.
VAA
Analog power supply (5 V
± 5%). All V
AA pins on the ADV7121/ADV7122 must be connected.
GND
Ground. All GND pins must be connected.
*SYNC and BLANK functions are not provided on the ADV7121.


Similar Part No. - ADV7122KP80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7122 AD-ADV7122_15 Datasheet
200Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
More results

Similar Description - ADV7122KP80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7122 AD-ADV7122_15 Datasheet
200Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120_15 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120 Datasheet
188Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7128 AD-ADV7128 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7128 AD-ADV7128_15 Datasheet
139Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
logo
Exar Corporation
CDK3400 EXAR-CDK3400 Datasheet
648Kb / 11P
   10-bit, 100/150MSPS, Triple Video DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com