Electronic Components Datasheet Search |
|
MMBD1000LT1 Datasheet(PDF) 6 Page - Motorola, Inc |
|
MMBD1000LT1 Datasheet(HTML) 6 Page - Motorola, Inc |
6 / 8 page MMBD1000LT1 MMBD2000T1 MMBD3000T1 MMSD1000T1 6 Motorola Small–Signal Transistors, FETs and Diodes Device Data PACKAGE DIMENSIONS D J K L A C B S H G V 3 1 2 DIM A MIN MAX MIN MAX MILLIMETERS 0.1102 0.1197 2.80 3.04 INCHES B 0.0472 0.0551 1.20 1.40 C 0.0350 0.0440 0.89 1.11 D 0.0150 0.0200 0.37 0.50 G 0.0701 0.0807 1.78 2.04 H 0.0005 0.0040 0.013 0.100 J 0.0034 0.0070 0.085 0.177 K 0.0180 0.0236 0.45 0.60 L 0.0350 0.0401 0.89 1.02 S 0.0830 0.0984 2.10 2.50 V 0.0177 0.0236 0.45 0.60 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIUMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. STYLE 8: PIN 1. ANODE 2. NO CONNECTION 3. CATHODE CASE 318–07 ISSUE AD SOT–23 (TO–236AB) STYLE 2: PIN 1. ANODE 2. N.C. 3. CATHODE CASE 419–02 ISSUE E C R N A L D G V S B H J K 3 1 2 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.071 0.087 1.80 2.20 B 0.045 0.053 1.15 1.35 C 0.035 0.049 0.90 1.25 D 0.012 0.016 0.30 0.40 G 0.047 0.055 1.20 1.40 H 0.000 0.004 0.00 0.10 J 0.004 0.010 0.10 0.25 K 0.017 REF 0.425 REF L 0.026 BSC 0.650 BSC N 0.028 REF 0.700 REF R 0.031 0.039 0.80 1.00 S 0.079 0.087 2.00 2.20 V 0.012 0.016 0.30 0.40 0.05 (0.002) SC–70/SOT–323 |
Similar Part No. - MMBD1000LT1 |
|
Similar Description - MMBD1000LT1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |