Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-2105 Datasheet(PDF) 61 Page - Analog Devices

Part # ADSP-2105
Description  ADSP-2100 Family DSP Microcomputers
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2105 Datasheet(HTML) 61 Page - Analog Devices

Back Button ADSP-2105 Datasheet HTML 56Page - Analog Devices ADSP-2105 Datasheet HTML 57Page - Analog Devices ADSP-2105 Datasheet HTML 58Page - Analog Devices ADSP-2105 Datasheet HTML 59Page - Analog Devices ADSP-2105 Datasheet HTML 60Page - Analog Devices ADSP-2105 Datasheet HTML 61Page - Analog Devices ADSP-2105 Datasheet HTML 62Page - Analog Devices ADSP-2105 Datasheet HTML 63Page - Analog Devices ADSP-2105 Datasheet HTML 64Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 61 / 64 page
background image
ADSP-21xx
REV. B
–61–
ORDERING GUIDE
Ambient
Temperature
Instruction
Package
Package
Part Number1
Range
Rate (MHz)
Description
Option
ADSP-2101KG-66
0
°C to +70°C
16.67 MHz
68-Pin PGA
G-68A
ADSP-2101BG-66
–40
°C to +85°C
16.67 MHz
68-Pin PGA
G-68A
ADSP-2101KP-66
0
°C to +70°C
16.67 MHz
68-Lead PLCC
P-68A
ADSP-2101BP-66
–40
°C to +85°C
16.67 MHz
68-Lead PLCC
P-68A
ADSP-2101KS-66
0
°C to +70°C
16.67 MHz
80-Lead PQFP
S-80
ADSP-2101BS-66
–40
°C to +85°C
16.67 MHz
80-Lead PQFP
S-80
ADSP-2101KG-80
0
°C to +70°C
20.0 MHz
68-Pin PGA
G-68A
ADSP-2101BG-80
–40
°C to +85°C
20.0 MHz
68-Pin PGA
G-68A
ADSP-2101KP-80
0
°C to +70°C
20.0 MHz
68-Lead PLCC
P-68A
ADSP-2101BP-80
–40
°C to +85°C
20.0 MHz
68-Lead PLCC
P-68A
ADSP-2101KS-80
0
°C to +70°C
20.0 MHz
80-Lead PQFP
S-80
ADSP-2101BS-80
–40
°C to +85°C
20.0 MHz
80-Lead PQFP
S-80
ADSP-2101KP-100
0
°C to +70°C
25.0 MHz
68-Pin PLCC
P-68A
ADSP-2101BP-100
–40
°C to +85°C
25.0 MHz
68-Pin PLCC
P-68A
ADSP-2101KS-100
0
°C to +70°C
25.0 MHz
80-Lead PQFP
S-80
ADSP-2101BS-100
–40
°C to +85°C
25.0 MHz
80-Lead PQFP
S-80
ADSP-2101KG-100
0
°C to +70°C
25.0 MHz
68-Lead PGA
G-68A
ADSP-2101BG-100
–40
°C to +85°C
25.0 MHz
68-Lead PGA
G-68A
ADSP-2101TG-50
–55
°C to +125°C
12.5 MHz
68-Pin PGA
G-68A
ADSP-2103KP-40 (3.3 V)
0
°C to +70°C
10.24 MHz
68-Lead PLCC
P-68A
ADSP-2103BP-40 (3.3 V)
–40
°C to +85°C
10.24 MHz
68-Lead PLCC
P-68A
ADSP-2103KS-40 (3.3 V)
0
°C to +70°C
10.24 MHz
80-Lead PQFP
S-80
ADSP-2103BS-40 (3.3 V)
–40
°C to +85°C
10.24 MHz
80-Lead PQFP
S-80
ADSP-2105KP-55
0
°C to +70°C
13.824 MHz
68-Lead PLCC
P-68A
ADSP-2105BP-55
–40
°C to +85°C
13.824 MHz
68-Lead PLCC
P-68A
ADSP-2105KP-80
0
°C to +70°C
20.0 MHz
68-Lead PLCC
P-68A
ADSP-2105BP-80
–40
°C to +85°C
20.0 MHz
68-Lead PLCC
P-68A
ADSP-2115KP-66
0
°C to +70°C
16.67 MHz
68-Lead PLCC
P-68A
ADSP-2115BP-66
–40
°C to +85°C
16.67 MHz
68-Lead PLCC
P-68A
ADSP-2115KS-66
0
°C to +70°C
16.67 MHz
80-Lead PQFP
S-80
ADSP-2115BS-66
–40
°C to +85°C
16.67 MHz
80-Lead PQFP
S-80
ADSP-2115KST-66
0
°C to +70°C
16.67 MHz
80-Lead TQFP
ST-80
ADSP-2115BST-66
–40
°C to +85°C
16.67 MHz
80-Lead TQFP
ST-80
ADSP-2115KP-80
0
°C to +70°C
20.0 MHz
68-Lead PLCC
P-68A
ADSP-2115BP-80
–40
°C to +85°C
20.0 MHz
68-Lead PLCC
P-68A
ADSP-2115KS-80
0
°C to +70°C
20.0 MHz
80-Lead PQFP
S-80
ADSP-2115BS-80
–40
°C to +85°C
20.0 MHz
80-Lead PQFP
S-80
ADSP-2115KST-80
0
°C to +70°C
20.0 MHz
80-Lead TQFP
ST-80
ADSP-2115BST-80
–40
°C to +85°C
20.0 MHz
80-Lead TQFP
ST-80
ADSP-2115KP-100
0
°C to +70°C
25.0 MHz
68-Lead PLCC
P-68A
ADSP-2115BP-100
–40
°C to +85°C
25.0 MHz
68-Lead PLCC
P-68A
NOTES
1K = Commercial Temperature Range (0
°C to +70°C).
B = Industrial Temperature Range (–40
°C to +85°C).
T = Extended Temperature Range (–55
°C to +125°C).
G = Ceramic PGA (Pin Grid Array).
P = PLCC (Plastic Leaded Chip Carrier).
S = PQFP (Plastic Quad Flatpack).
ST = TQFP (Thin Quad Flatpack)


Similar Part No. - ADSP-2105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2105 AD-ADSP-2105 Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2105 AD-ADSP-2105 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2105 AD-ADSP-2105 Datasheet
389Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2105 AD-ADSP-2105 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2105BP-55 AD-ADSP-2105BP-55 Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
More results

Similar Description - ADSP-2105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2105KP-40 AD-ADSP-2105KP-40 Datasheet
389Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2101 AD-ADSP-2101_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX AD-ADSP-21XX Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115BPZ-100 AD-ADSP-2115BPZ-100 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX1111 AD-ADSP-21XX1111 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2103 AD-ADSP-2103_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115KP-80 AD-ADSP-2115KP-80 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2105 AD-ADSP-2105_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115 AD-ADSP-2115_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADDS-21XX-TOOLS AD-ADDS-21XX-TOOLS Datasheet
121Kb / 16P
   ADSP-2100 Family Development Tools
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com