Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCA182S Datasheet(PDF) 1 Page - IXYS Corporation

Part # LCA182S
Description  Single Pole, Normally Open OptMOS Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCA182S Datasheet(HTML) 1 Page - IXYS Corporation

  LCA182S Datasheet HTML 1Page - IXYS Corporation LCA182S Datasheet HTML 2Page - IXYS Corporation LCA182S Datasheet HTML 3Page - IXYS Corporation LCA182S Datasheet HTML 4Page - IXYS Corporation LCA182S Datasheet HTML 5Page - IXYS Corporation LCA182S Datasheet HTML 6Page - IXYS Corporation LCA182S Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LCA182-R04
1
LCA182
e3
Pb
Single Pole, Normally Open
OptMOS® Relay
Applications
Features
Description
Parameter
Rating
Units
Blocking Voltage
350
V
P
Load Current
120
mA
rms / mADC
On-Resistance (max)
35
Input Control Current
0.25
mA
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
Very Low Input Control Current (0.25mA)
3750V
rms Input/Output Isolation
Low Drive Power Requirements
(TTL/CMOS Compatible)
No Moving Parts
High Reliability
Arc-Free With No Snubbing Circuits
No EMI/RFI Generation
Small 6-Pin Package
Machine Insertable, Wave Solderable
Surface Mount, Tape & Reel Version Available
Telecommunications
Telecom Switching
Tip/Ring Circuits
Modem Switching (Laptop, Notebook,
PocketSize)
Hook Switch
Dial Pulsing
Ground Start
Ringing Injection
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment Patient/Equipment Isolation
Aerospace
Industrial Controls
Approvals
Ordering Information
Part #
Description
LCA182
6 Pin DIP (50/Tube)
LCA182S
6 Pin Surface Mount (50/Tube)
LCA182STR
6 Pin Surface Mount (1000/Reel)
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
3
2
4
5
6
+ Control
– Control
Do Not Use
Load
Do Not Use
Load
AC/DC Configuration
+ Load
– Load
1
3
2
4
5
6
+ Control
– Control
Do Not Use
DC Only Configuration
UL Recognized Component: File E76270
CSA Certified Component: Certificate 1175739
EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
LCA182 is a normally open (1-Form-A) solid
state relay that uses optically coupled MOSFET
technology to provide 3750V
rms of input to output
isolation. It features an extremely low input control
current of only 0.25mA, which is the lowest available
in IXYS Integrated Circuits Division’s Solid State
Relay family.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
The LCA182 can be used to replace mechanical
relays, and offers the superior reliability associated
with semiconductor devices. Because it has no
moving parts, it offers faster, bounce-free switching
in a more compact surface mount or through-hole
package.


Similar Part No. - LCA182S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA182S CLARE-LCA182S Datasheet
1Mb / 5P
   Single Pole OptoMOS Relay
LCA182STR CLARE-LCA182STR Datasheet
1Mb / 5P
   Single Pole OptoMOS Relay
More results

Similar Description - LCA182S

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA710 IXYS-LCA710 Datasheet
127Kb / 7P
   Single Pole, Normally Open OptMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
   Single Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
   Single Pole, Normally Open OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
LCA129 IXYS-LCA129 Datasheet
105Kb / 5P
   Single-Pole, Normally Open OptoMOS Relay
PLA110L IXYS-PLA110L Datasheet
124Kb / 7P
   Single Pole, Normally Open OptoMOS Relay
PLA110 IXYS-PLA110 Datasheet
123Kb / 7P
   Single Pole, Normally Open OptoMOS Relay
logo
ISOCOM COMPONENTS
ISP06 ISOCOM-ISP06 Datasheet
982Kb / 12P
   Normally Open Single Pole Single Throw Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com