Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-2191MBCA-140 Datasheet(PDF) 42 Page - Analog Devices

Part # ADSP-2191MBCA-140
Description  DSP Microcomputer
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2191MBCA-140 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADSP-2191MBCA-140 Datasheet HTML 38Page - Analog Devices ADSP-2191MBCA-140 Datasheet HTML 39Page - Analog Devices ADSP-2191MBCA-140 Datasheet HTML 40Page - Analog Devices ADSP-2191MBCA-140 Datasheet HTML 41Page - Analog Devices ADSP-2191MBCA-140 Datasheet HTML 42Page - Analog Devices ADSP-2191MBCA-140 Datasheet HTML 43Page - Analog Devices ADSP-2191MBCA-140 Datasheet HTML 44Page - Analog Devices ADSP-2191MBCA-140 Datasheet HTML 45Page - Analog Devices ADSP-2191MBCA-140 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
ADSP-2191M
–42–
REV. 0
The output disable time tDIS is the difference between
tMEASURED and tDECAY as shown in Figure 26. The time
tMEASURED is the interval from when the reference signal
switches to when the output voltage decays –V from the measured
output high or output low voltage. The tDECAY is calculated with
test loads CL and IL, and with –V equal to 0.5 V.
Output Enable Time
Output pins are considered to be enabled when they have made
a transition from a high impedance state to when they start
driving. The output enable time tENA is the interval from when
a reference signal reaches a high or low voltage level to when the
output has reached a specified high or low trip point, as shown
in the Output Enable/Disable diagram (Figure 26). If multiple
pins (such as the data bus) are enabled, the measurement value
is that of the first pin to start driving.
Example System Hold Time Calculation
To determine the data output hold time in a particular system,
first calculate tDECAY using the equation at Output Disable Time
on page 41. Choose –V to be the difference between the
ADSP-2191M’s output voltage and the input threshold for the
device requiring the hold time. A typical –V will be 0.4 V. CL is
the total bus capacitance (per data line), and IL is the total leakage
or three-state current (per data line). The hold time will be
tDECAY plus the minimum disable time (i.e., tDATRWH for the
write cycle).
Capacitive Loading
Output delays and holds are based on standard capacitive loads:
50 pF on all pins (see Figure 30). The delay and hold specifica-
tions given should be derated by a factor of 1.5 ns/50 pF for loads
other than the nominal value of 50 pF. Figure 28 and Figure 29
show how output rise time varies with capacitance. These figures
also show graphically how output delays and holds vary with load
capacitance. (Note that this graph or derating does not apply to
output disable delays; see Output Disable Time on page 41.) The
graphs in these figures may not be linear outside the ranges
shown.
Environmental Conditions
The thermal characteristics in which the DSP is operating
influence performance.
Thermal Characteristics
The ADSP-2191M comes in a 144-lead LQFP or 144-lead Ball
Grid Array (mini-BGA) package. The ADSP-2191M is specified
for an ambient temperature (TAMB) as calculated using the
formula below.
To ensure that the TAMB data sheet specification is not exceeded,
a heatsink and/or an air flow source may be used. A heatsink
should be attached to the ground plane (as close as possible to
the thermal pathways) with a thermal adhesive.
Figure 26. Output Enable/Disable
Figure 27. Equivalent Device Loading for AC
Measurements (Includes All Fixtures)
Figure 28. Voltage Reference Levels for AC
Measurements (Except Output Enable/Disable)
REFERENCE
SIGNAL
tDIS
OUTPUT STARTS
DRIVING
VOH (MEASURED) – V
VOL (MEASURED) + V
tMEASURED
VOH (MEASURED)
VOL (MEASURED)
2.0V
1.0V
HIGH-IMPEDANCE STATE.
TEST CONDITIONS CAUSE THIS VOLTAGE
TO BE APPROXIMATELY 1.5V
OUTPUT STOPS
DRIVING
tDECAY
tENA
+1.5V
50pF
TO
OUTPUT
PIN
IOL
IOH
INPUT
OR
OUTPUT
1.5V
1.5V
Figure 29. Typical Output Rise Time (10%-90%,
VDDEXT = Minimum at Maximum Ambient
Operating Temperature) vs. Load Capacitance
40
0
30
20
10
LOAD CAPACITANCE – pF
0250
50
100
150
200
RISE TIME
T
AMB
T
CASE
=
PD
θ
CA
×


Similar Part No. - ADSP-2191MBCA-140

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2191MBCA-140 AD-ADSP-2191MBCA-140 Datasheet
728Kb / 52P
   DSP Microcomputer
REV. 0
More results

Similar Description - ADSP-2191MBCA-140

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com