Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBA126PTR Datasheet(PDF) 6 Page - IXYS Corporation

Part # LBA126PTR
Description  Dual Single-Pole OptoMOS Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LBA126PTR Datasheet(HTML) 6 Page - IXYS Corporation

  LBA126PTR Datasheet HTML 1Page - IXYS Corporation LBA126PTR Datasheet HTML 2Page - IXYS Corporation LBA126PTR Datasheet HTML 3Page - IXYS Corporation LBA126PTR Datasheet HTML 4Page - IXYS Corporation LBA126PTR Datasheet HTML 5Page - IXYS Corporation LBA126PTR Datasheet HTML 6Page - IXYS Corporation LBA126PTR Datasheet HTML 7Page - IXYS Corporation LBA126PTR Datasheet HTML 8Page - IXYS Corporation LBA126PTR Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
6
R04
LBA126
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
Form-B PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
Form-B
Typical On-Resistance vs. Temperature
(I
F=5mA, IL=170mADC)
Temperature (ºC)
-40
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
Form-B
Typical Load Current vs. Load Voltage
(I
F=5mA)
Load Voltage (V)
200
150
100
50
0
-50
-100
-150
-200
-2.0
-1.5
-0.5
-1.0
0
0.5
1.5
1.0
2.0
Form B
Maximum Load Current vs. Temperature
(I
F=5mA)
Temperature (ºC)
250
200
150
100
50
0
-40
-20
0
20
40
60
80
120
100
Form-B
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
310
305
300
295
290
285
-20
0
20
40
60
80
100
Form-B
Typical Leakage vs. Temperature
Measured across Pins 7&8
Temperature (ºC)
-40
0.030
0.025
0.020
0.015
0.010
0.005
0
-20
0
20
40
60
80
100
Energy Rating Curve
Time
10 s
1.2
1.0
0.8
0.6
0.4
0.2
0
1ms
100ms
10s
100 s
10ms
1s
100s


Similar Part No. - LBA126PTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LBA126PTR CLARE-LBA126PTR Datasheet
126Kb / 9P
   DUAL POLE OptoMOS Relay
More results

Similar Description - LBA126PTR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
PBA150 IXYS-PBA150 Datasheet
107Kb / 5P
   Dual Single-Pole OptoMOS Relay
LBA120L IXYS-LBA120L_12 Datasheet
140Kb / 9P
   Dual Single-Pole OptoMOS Relay
LBA126L IXYS-LBA126L_12 Datasheet
107Kb / 5P
   Dual Single-Pole OptoMOS Relay
LBA120 IXYS-LBA120_12 Datasheet
151Kb / 9P
   Dual Single-Pole OptoMOS Relay
LBA110L IXYS-LBA110L_12 Datasheet
149Kb / 9P
   Dual Single-Pole, Combination OptoMOS Relay
LBA127L IXYS-LBA127L_12 Datasheet
135Kb / 8P
   Dual Single-Pole, Combination OptoMOS Relay
LBA127 IXYS-LBA127_12 Datasheet
145Kb / 8P
   Dual Single-Pole, Combination OptoMOS Relay
logo
Clare, Inc.
XAA170 CLARE-XAA170 Datasheet
117Kb / 7P
   DUAL POLE OptoMOS Relay
LAA127 CLARE-LAA127 Datasheet
113Kb / 7P
   DUAL POLE OptoMOS Relay
LBB110 CLARE-LBB110 Datasheet
149Kb / 7P
   DUAL POLE OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com