Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAA126L Datasheet(PDF) 2 Page - IXYS Corporation

Part # LAA126L
Description  Dual Single-Pole, Normally Open OptoMOS Relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LAA126L Datasheet(HTML) 2 Page - IXYS Corporation

  LAA126L_12 Datasheet HTML 1Page - IXYS Corporation LAA126L_12 Datasheet HTML 2Page - IXYS Corporation LAA126L_12 Datasheet HTML 3Page - IXYS Corporation LAA126L_12 Datasheet HTML 4Page - IXYS Corporation LAA126L_12 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R04
LAA126L
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current
Continuous
-
I
L
-
-
170
mA
rms / mADC
Peak
t =10ms
I
LPK
-
-
±400
mA
P
On-Resistance
I
L=170mA
R
ON
--
20
Off-State Leakage Current
V
L=250VP
I
LEAK
--
1
A
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
on
--
5
ms
Turn-Off
t
off
--
5
Output Capacitance
V
L=50V, f=1MHz
C
OUT
-50
-
pF
Load Current Limiting
-
I
CL
170
235
280
mA
Input Characteristics
Input Control Current to Activate
I
L=170mA
I
F
--
5
mA
Input Control Current to Deactivate
-
-
0.4
0.7
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
--
10
A
Common Characteristics
Input to Output Capacitance
-
C
I/O
-3
-
pF
Parameter
Ratings
Units
Blocking Voltage
250
V
P
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation 1
150
mW
Total Power Dissipation 2
800
mW
Isolation Voltage, Input to Output
3750
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 1.33 mW / °C
2 Derate linearly 6.67 mW / °C
Absolute Maximum Ratings @25ºC
Electrical Characteristics @25ºC (Unless Otherwise Noted)


Similar Part No. - LAA126L_12

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LAA126LS CLARE-LAA126LS Datasheet
103Kb / 4P
   Single Pole OptoMOS Relays
LAA126LSTR CLARE-LAA126LSTR Datasheet
103Kb / 4P
   Single Pole OptoMOS Relays
More results

Similar Description - LAA126L_12

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LAA125 IXYS-LAA125_12 Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relays
PAA140 IXYS-PAA140 Datasheet
132Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relays
PAA191 IXYS-PAA191 Datasheet
122Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relays
PAA150 IXYS-PAA150 Datasheet
115Kb / 5P
   Dual Single-Pole, Normally Open OptoMOS Relays
PAA110 IXYS-PAA110 Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relays
LAA126 IXYS-LAA126_12 Datasheet
123Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relays
LBA716 IXYS-LBA716_12 Datasheet
136Kb / 8P
   Dual Single-Pole OptoMOS Relays Normally Open & Normally Closed
PAA140L IXYS-PAA140L Datasheet
123Kb / 7P
   Dual Single-Pole, Normally Open, Current-Limiting OptoMOS Relays
LAA127L IXYS-LAA127L_12 Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
XAA170 IXYS-XAA170 Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com