Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-2186L Datasheet(PDF) 14 Page - Analog Devices

Part # ADSP-2186L
Description  DSP Microcomputer
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2186L Datasheet(HTML) 14 Page - Analog Devices

Back Button ADSP-2186L Datasheet HTML 10Page - Analog Devices ADSP-2186L Datasheet HTML 11Page - Analog Devices ADSP-2186L Datasheet HTML 12Page - Analog Devices ADSP-2186L Datasheet HTML 13Page - Analog Devices ADSP-2186L Datasheet HTML 14Page - Analog Devices ADSP-2186L Datasheet HTML 15Page - Analog Devices ADSP-2186L Datasheet HTML 16Page - Analog Devices ADSP-2186L Datasheet HTML 17Page - Analog Devices ADSP-2186L Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
ADSP-2186L
–14–
REV. A
ESD SENSITIVITY
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADSP-2186L features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +4.6 V
Input Voltage . . . . . . . . . . . . . . . . . . . . –0.5 V to VDD + 0.5 V
Output Voltage Swing . . . . . . . . . . . . . –0.5 V to VDD + 0.5 V
Operating Temperature Range (Ambient) . .
–40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (5 sec) LQFP . . . . . . . . . . . . . . . . +280
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. These are stress ratings only; functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
TIMING PARAMETERS
GENERAL NOTES
Use the exact timing information given. Do not attempt to
derive parameters from the addition or subtraction of others.
While addition or subtraction would yield meaningful results for
an individual device, the values given in this data sheet reflect
statistical variations and worst cases. Consequently, you cannot
meaningfully add up parameters to derive longer times.
TIMING NOTES
Switching characteristics specify how the processor changes its
signals. You have no control over this timing—circuitry external
to the processor must be designed for compatibility with these
signal characteristics. Switching characteristics tell you what the
processor will do in a given circumstance. You can also use
switching characteristics to ensure that any timing requirement
of a device connected to the processor (such as memory) is
satisfied.
Timing requirements apply to signals that are controlled by
circuitry external to the processor, such as the data input for a
read operation. Timing requirements must be met to guarantee
that the processor operates correctly with other devices.
MEMORY TIMING SPECIFICATIONS
The table below shows common memory device specifications
and the corresponding ADSP-2186L timing parameters, for
your convenience.
Memory
ADSP-2186L
Timing
Device
Timing
Parameter
Specification
Parameter
Definition
Address Setup to
tASW
A0–A13,
xMS Setup
Write Start
before
WR Low
Address Setup to
tAW
A0–A13,
xMS Setup
Write End
before
WR Deasserted
Address Hold Time
tWRA
A0–A13,
xMS Hold
before
WR Low
Data Setup Time
tDW
Data Setup before
WR
High
Data Hold Time
tDH
Data Hold after
WR
High
OE to Data Valid
tRDD
RD Low to Data Valid
Address Access Time tAA
A0–A13,
xMS to Data
Valid
xMS = PMS, DMS, BMS, CMS, IOMS.
FREQUENCY DEPENDENCY FOR TIMING
SPECIFICATIONS
tCK is defined as 0.5 tCKI. The ADSP-2186L uses an input clock
with a frequency equal to half the instruction rate: a 20 MHz
input clock (which is equivalent to 50 ns) yields a 25 ns proces-
sor cycle (equivalent to 40 MHz). tCK values within the range of
0.5 tCKI period should be substituted for all relevant timing para-
meters to obtain the specification value.
Example: tCKH = 0.5 tCK – 7 ns = 0.5 (25 ns) – 7 ns = 5.5 ns
WARNING!
ESD SENSITIVE DEVICE


Similar Part No. - ADSP-2186L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2186L AD-ADSP-2186L Datasheet
272Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2186L AD-ADSP-2186L Datasheet
630Kb / 48P
   DSP Microcomputer
REV. C
ADSP-2186L1111 AD-ADSP-2186L1111 Datasheet
272Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2186LBCA-160 AD-ADSP-2186LBCA-160 Datasheet
272Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2186LBCA-160R3 AD-ADSP-2186LBCA-160R3 Datasheet
630Kb / 48P
   DSP Microcomputer
REV. C
More results

Similar Description - ADSP-2186L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com