Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADR293GRU-REEL7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADR293GRU-REEL7
Description  Low Noise Micropower Precision Voltage Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR293GRU-REEL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADR293GRU-REEL7 Datasheet HTML 3Page - Analog Devices ADR293GRU-REEL7 Datasheet HTML 4Page - Analog Devices ADR293GRU-REEL7 Datasheet HTML 5Page - Analog Devices ADR293GRU-REEL7 Datasheet HTML 6Page - Analog Devices ADR293GRU-REEL7 Datasheet HTML 7Page - Analog Devices ADR293GRU-REEL7 Datasheet HTML 8Page - Analog Devices ADR293GRU-REEL7 Datasheet HTML 9Page - Analog Devices ADR293GRU-REEL7 Datasheet HTML 10Page - Analog Devices ADR293GRU-REEL7 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ADR293
REV. 0
–9–
APPLICATIONS
A Negative Precision Reference without Precision Resistors
In many current-output CMOS DAC applications where the
output signal voltage must be of the same polarity as the refer-
ence voltage, it is often required to reconfigure a current-
switching DAC into a voltage-switching DAC through the use
of a 1.25 V reference, an op amp and a pair of resistors. Using
a current-switching DAC directly requires the need for an
additional operational amplifier at the output to reinvert the
signal. A negative voltage reference is then desirable from the
point that an additional operational amplifier is not required
for either reinversion (current-switching mode) or amplifica-
tion (voltage-switching mode) of the DAC output voltage. In
general, any positive voltage reference can be converted into a
negative voltage reference through the use of an operational
amplifier and a pair of matched resistors in an inverting configu-
ration. The disadvantage to that approach is that the largest single
source of error in the circuit is the relative matching of the resis-
tors used.
The circuit illustrated in Figure 20 avoids the need for tightly
matched resistors with the use of an active integrator circuit.
In this circuit, the output of the voltage reference provides the
input drive for the integrator. The integrator, to maintain circuit
equilibrium, adjusts its output to establish the proper relation-
ship between the reference’s VOUT and GND. One caveat with
this approach should be mentioned: although rail-to-rail output
amplifiers work best in the application, these operational ampli-
fiers require a finite amount (mV) of headroom when required
to provide any load current. The choice for the circuit’s negative
supply should take this issue into account.
ADR293
1 F
4
6
2
VIN
GND
VOUT
100k
1 F
–VREF
A1
–5V
+5V
100
1k
A1 = 1/2 OP291,
1/2 OP295
Figure 20. A Negative Precision Voltage Reference Uses
No Precision Resistors
A Precision Current Source
Many times in low power applications, the need arises for a preci-
sion current source that can operate on low supply voltages. As
shown in Figure 21, the ADR293 is configured as a precision
current source. The circuit configuration illustrated is a floating
current source with a grounded load. The reference’s output
voltage is bootstrapped across RSET, which sets the output current
into the load. With this configuration, circuit precision is main-
tained for load currents in the range from the reference’s supply
current, typically 15
µA to approximately 5 mA.
ADR293
4
6
2
VIN
GND
VOUT
RL
1 F
IOUT
P1
R1
RSET
ISY
ADJUST
Figure 21. A Precision Current Source


Similar Part No. - ADR293GRU-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR293GRUZ AD-ADR293GRUZ Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293GRUZ-REEL AD-ADR293GRUZ-REEL Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293GRUZ-REEL7 AD-ADR293GRUZ-REEL7 Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
More results

Similar Description - ADR293GRU-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR293ERZ AD-ADR293ERZ Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293 AD-ADR293_15 Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293-EP AD-ADR293-EP Datasheet
182Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. 0
ADR293GRZ AD-ADR293GRZ Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
logo
National Semiconductor ...
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com