Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADR421AR Datasheet(PDF) 5 Page - Analog Devices

Part # ADR421AR
Description  Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR421AR Datasheet(HTML) 5 Page - Analog Devices

  ADR421AR Datasheet HTML 1Page - Analog Devices ADR421AR Datasheet HTML 2Page - Analog Devices ADR421AR Datasheet HTML 3Page - Analog Devices ADR421AR Datasheet HTML 4Page - Analog Devices ADR421AR Datasheet HTML 5Page - Analog Devices ADR421AR Datasheet HTML 6Page - Analog Devices ADR421AR Datasheet HTML 7Page - Analog Devices ADR421AR Datasheet HTML 8Page - Analog Devices ADR421AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. B
ADR420/ADR421/ADR423/ADR425
–5–
PARAMETER DEFINITIONS
Temperature Coefficient
The change of output voltage over the operating temperature
range and normalized by the output voltage at 25
°C, expressed
in ppm/
°C. The equation follows:
TCV
ppm C
VT
VT
VC
T
T
O
OO
O
/
() –
()
() (
)
°
() =
°×
×
21
21
6
25
10
where
VO (25
°C) = V
O at 25
°C
VO (T1) = VO at Temperature 1
VO (T2) = VO at Temperature 2.
Line Regulation
The change in output voltage due to a specified change in input
voltage. It includes the effects of self-heating. Line regulation is
expressed in either percent per volt, parts-per-million per volt,
or microvolts per volt change in input voltage
Load Regulation
The change in output voltage due to a specified change in load
current. It includes the effects of self-heating. Load regulation is
expressed in either microvolts per milliampere, parts-per-million
per milliampere, or ohms of dc output resistance.
Long-Term Stability
Typical shift of output voltage at 25
°C on a sample of parts
subjected to operation life test of 1000 hours at 125
°C:
VV t
V t
V
ppm
Vt
Vt
Vt
OO
O
O
OO
O
=
() –
( )
()
() –
( )
()
01
01
0
6
10
where
VO (t0) = VO at 25
°C at Time 0
VO (t1) = VO at 25
°C after 1,000 hours operation at 125°C.
Thermal Hysteresis
Thermal hysteresis is defined as the change of output voltage
after the device is cycled through temperature from +25
°C to
–40
°C to +125°C and back to +25°C. This is a typical value
from a sample of parts put through such a cycle.
VV
C
V
V
ppm
VC
V
VC
O
HYS
O
O TC
O
HYS
OO TC
O
__
_
_
() –
()
() –
()
=
°
°
×
25
25
25
10
6
where
VO (25
°C) = V
O at 25
°C
VO_TC = VO at 25
°C after temperature cycle at +25°C to –40°C
to +125
°C and back to +25°C.
Input Capacitor
Input capacitors are not required on the ADR42x. There is no
limit for the value of the capacitor used on the input, but a 1
µF to
10
µF capacitor on the input will improve transient response in
applications where the supply suddenly changes. An additional
0.1
µF in parallel will also help to reduce noise from the supply.
Output Capacitor
The ADR42x does not need output capacitors for stability
under any load condition. An output capacitor, typically 0.1
µF,
will filter out any low-level noise voltage and will not affect
the operation of the part. On the other hand, the load transient
response can be improved with an additional 1
µF to 10 µF
output capacitor in parallel. A capacitor here will act as a source
of stored energy for sudden increase in load current. The only
parameter that will degrade, by adding an output capacitor, is
turn-on time and it depends on the size of the capacitor chosen.


Similar Part No. - ADR421AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR421AR AD-ADR421AR Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR421ARMZ AD-ADR421ARMZ Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR421ARMZ-REEL7 AD-ADR421ARMZ-REEL7 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR421ARZ AD-ADR421ARZ Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR421ARZ-REEL7 AD-ADR421ARZ-REEL7 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
More results

Similar Description - ADR421AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR420 AD-ADR420_11 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR380 AD-ADR380 Datasheet
316Kb / 12P
   Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
REV. A
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380 AD-ADR380_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR423 AD-ADR423_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR421 AD-ADR421_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR420 AD-ADR420_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR425 AD-ADR425_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR291GRUZ-REEL7 AD-ADR291GRUZ-REEL7 Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com