Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-21160N Datasheet(PDF) 15 Page - Analog Devices

Part # ADSP-21160N
Description  DSP Microcomputer
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21160N Datasheet(HTML) 15 Page - Analog Devices

Back Button ADSP-21160N Datasheet HTML 11Page - Analog Devices ADSP-21160N Datasheet HTML 12Page - Analog Devices ADSP-21160N Datasheet HTML 13Page - Analog Devices ADSP-21160N Datasheet HTML 14Page - Analog Devices ADSP-21160N Datasheet HTML 15Page - Analog Devices ADSP-21160N Datasheet HTML 16Page - Analog Devices ADSP-21160N Datasheet HTML 17Page - Analog Devices ADSP-21160N Datasheet HTML 18Page - Analog Devices ADSP-21160N Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
This information applies to a product under development. Its characteristics and specifications are subject to change without notice. Analog
Devices assumes no obligation regarding future manufacturing unless otherwise agreed to in writing.
15
REV. PrB
For current information contact Analog Devices at 800/262-5643
ADSP-21160N
April 2002
PRELIMINARY TECHNICAL DATA
ABSOLUTE MAXIMUM RATINGS
ESD SENSITIVITY
Internal (Core) Supply Voltage (V
DDINT)
1 . . –0.3 V to +2.3 V
Analog (PLL) Supply Voltage (A
VDD) . . . . . –0.3 V to +2.3 V
External (I/O) Supply Voltage (V
DDEXT) . . . . –0.3 V to +4.6 V
Input Voltage . . . . . . . . . . . . . . . . . –0.5 V to V
DDEXT +0.5 V
Output Voltage Swing . . . . . . . . . . . –0.5 V to V
DDEXT +0.5 V
Load Capacitance . . . . . . . . . . . . . . . . . . . . . . . . . . 200 pF
Junction Temperature under Bias . . . . . . . . . . . . . . . 130ºC
Storage Temperature Range. . . . . . . . . . . –65ºC to +150ºC
1 Stresses greater than those listed above may cause permanent damage to the device.
These are stress ratings only. Functional operation of the device at these or any
other conditions greater than those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000V
readily accumulate on the human body and test equipment and can discharge without
detection. Although the ADSP-21160N features proprietary ESD protection circuitry,
permanent damage may occur on devices subjected to high-energy electrostatic
discharges. Therefore, proper ESD precautions are recommended to avoid perfor-
mance degradation or loss of functionality.


Similar Part No. - ADSP-21160N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21160N AD-ADSP-21160N Datasheet
1Mb / 60P
   SHARC Digital Signal Processor
REV. C
logo
Texas Instruments
ADSP-21160N TI-ADSP-21160N Datasheet
1Mb / 60P
[Old version datasheet]   Digital Signal Processor
logo
Analog Devices
ADSP-21160NCB-100 AD-ADSP-21160NCB-100 Datasheet
1Mb / 60P
   SHARC Digital Signal Processor
REV. C
ADSP-21160NCB-100 AD-ADSP-21160NCB-100 Datasheet
1Mb / 60P
   SHARC Digital Signal Processor
REV. C
logo
Texas Instruments
ADSP-21160NCB-100 TI-ADSP-21160NCB-100 Datasheet
1Mb / 60P
[Old version datasheet]   Digital Signal Processor
More results

Similar Description - ADSP-21160N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com