Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADR293GR-REEL Datasheet(PDF) 4 Page - Analog Devices

Part # ADR293GR-REEL
Description  Low Noise Micropower Precision Voltage Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR293GR-REEL Datasheet(HTML) 4 Page - Analog Devices

  ADR293GR-REEL Datasheet HTML 1Page - Analog Devices ADR293GR-REEL Datasheet HTML 2Page - Analog Devices ADR293GR-REEL Datasheet HTML 3Page - Analog Devices ADR293GR-REEL Datasheet HTML 4Page - Analog Devices ADR293GR-REEL Datasheet HTML 5Page - Analog Devices ADR293GR-REEL Datasheet HTML 6Page - Analog Devices ADR293GR-REEL Datasheet HTML 7Page - Analog Devices ADR293GR-REEL Datasheet HTML 8Page - Analog Devices ADR293GR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ADR293
REV. 0
–4–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
18 V
Output Short-Circuit Duration . . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range
T9, R, RU Package . . . . . . . . . . . . . . . . .
65
°C to 150°C
Operating Temperature Range . . . . . . . . . .
40
°C to 125°C
Junction Temperature Range
T9, R, RU Package . . . . . . . . . . . . . . . . .
65
°C to 125°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . .
300
°C
NOTE
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADR293 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
Package Type
JA
1
JC
Units
8-Lead SOIC (R)
158
43
°C/W
3-Lead TO-92 (T9)
162
120
°C/W
8-Lead TSSOP (RU)
240
43
°C/W
NOTE
1
θ
JA is specified for worst case conditions, i.e.,
θ
JA is specified for device in socket
for PDIP, and
θ
JA is specified for a device soldered in circuit board for SOIC
packages.
ORDERING GUIDE
Model
Temperature Range
Package Type
Package Options
ADR293ER, ADR293FR, ADR293GR
40
°C to 125°C
8-Lead SOIC
R-8
ADR293ER-REEL, ADR293FR-REEL, ADR293GR-REEL
40
°C to 125°C
8-Lead SOIC
R-8
ADR293ER-REEL7, ADR293FR-REEL7, ADR293GR-REEL7
40
°C to 125°C
8-Lead SOIC
R-8
ADR293GT9
40
°C to 125°C
3-Lead TO-92
T9
ADR293GT9-REEL
40
°C to 125°C
3-Lead TO-92
T9
ADR293GRU-REEL
40
°C to 125°C
8-Lead TSSOP
RU-8
ADR293GRU-REEL7
40
°C to 125°C
8-Lead TSSOP
RU-8
ADR293GBC
25
°C
DICE


Similar Part No. - ADR293GR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR293GRUZ AD-ADR293GRUZ Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293GRUZ-REEL AD-ADR293GRUZ-REEL Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293GRUZ-REEL7 AD-ADR293GRUZ-REEL7 Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293GRZ AD-ADR293GRZ Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293GRZ AD-ADR293GRZ Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
More results

Similar Description - ADR293GR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR293ERZ AD-ADR293ERZ Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293 AD-ADR293_15 Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293-EP AD-ADR293-EP Datasheet
182Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. 0
ADR293GRZ AD-ADR293GRZ Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
logo
National Semiconductor ...
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com