Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADR293GR Datasheet(PDF) 5 Page - Analog Devices

Part # ADR293GR
Description  Low Noise Micropower Precision Voltage Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR293GR Datasheet(HTML) 5 Page - Analog Devices

  ADR293GR Datasheet HTML 1Page - Analog Devices ADR293GR Datasheet HTML 2Page - Analog Devices ADR293GR Datasheet HTML 3Page - Analog Devices ADR293GR Datasheet HTML 4Page - Analog Devices ADR293GR Datasheet HTML 5Page - Analog Devices ADR293GR Datasheet HTML 6Page - Analog Devices ADR293GR Datasheet HTML 7Page - Analog Devices ADR293GR Datasheet HTML 8Page - Analog Devices ADR293GR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ADR293
REV. 0
–5–
TEMPERATURE – C
5.006
4.994
50
125
25
0
25
50
75
100
5.004
5.002
5.000
4.998
4.996
VS = 6.0V
3 TYPICAL PARTS
Figure 1. VOUT vs. Temperature
INPUT VOLTAGE – V
16
0
016
2
46
8
10
12
14
12
8
6
4
2
10
TA = +125 C
TA = +25 C
TA = 40 C
14
Figure 2. Supply Current vs. Input Voltage
TEMPERATURE – C
16
14
6
50
125
25
0
255075
100
12
10
8
VS = 6.0V
Figure 3. Supply Current vs. Temperature
TEMPERATURE – C
100
80
0
50
125
25
0
255075
100
60
40
20
VS = 6.0V TO 15V
IOUT = 0mA
Figure 4. Line Regulation vs. Temperature
TEMPERATURE – C
100
80
0
50
125
25
0
255075
100
60
40
20
VS = 6.0V TO 9.0V
IOUT = 0mA
Figure 5. Line Regulation vs. Temperature
LOAD CURRENT – mA
0.7
0
0
5.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.6
0.5
0.4
0.3
0.2
0.1
TA = +25 C
TA = 40 C
TA = +125 C
Figure 6. Minimum Input-Output Voltage Differential vs.
Load Current
Typical Performance Characteristics–


Similar Part No. - ADR293GR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR293GRUZ AD-ADR293GRUZ Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293GRUZ-REEL AD-ADR293GRUZ-REEL Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293GRUZ-REEL7 AD-ADR293GRUZ-REEL7 Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293GRZ AD-ADR293GRZ Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293GRZ AD-ADR293GRZ Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
More results

Similar Description - ADR293GR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR293ERZ AD-ADR293ERZ Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293 AD-ADR293_15 Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293-EP AD-ADR293-EP Datasheet
182Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. 0
ADR293GRZ AD-ADR293GRZ Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
logo
National Semiconductor ...
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com