Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEM2HK2S-NNMB Datasheet(PDF) 6 Page - ITT Industries

Part # DEM2HK2S-NNMB
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DEM2HK2S-NNMB Datasheet(HTML) 6 Page - ITT Industries

Back Button DEM2HK2S-NNMB Datasheet HTML 2Page - ITT Industries DEM2HK2S-NNMB Datasheet HTML 3Page - ITT Industries DEM2HK2S-NNMB Datasheet HTML 4Page - ITT Industries DEM2HK2S-NNMB Datasheet HTML 5Page - ITT Industries DEM2HK2S-NNMB Datasheet HTML 6Page - ITT Industries DEM2HK2S-NNMB Datasheet HTML 7Page - ITT Industries DEM2HK2S-NNMB Datasheet HTML 8Page - ITT Industries DEM2HK2S-NNMB Datasheet HTML 9Page - ITT Industries DEM2HK2S-NNMB Datasheet HTML 10Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
C
C-6
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 6


Similar Part No. - DEM2HK2S-NNMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DEM20486 ETC-DEM20486 Datasheet
145Kb / 10P
   LCD MODULE
logo
TOKO, Inc
DEM2612C TOKO-DEM2612C Datasheet
102Kb / 1P
   Low profile (2.6 x 2.8 mm square, 1.2mm Max.height).
DEM2810C TOKO-DEM2810C Datasheet
121Kb / 2P
   Low profile (2.8 x 3.0mm square, 1.0/1.2/1.5/1.8mm
DEM2812C TOKO-DEM2812C Datasheet
121Kb / 2P
   Low profile (2.8 x 3.0mm square, 1.0/1.2/1.5/1.8mm
DEM2812C TOKO-DEM2812C_16 Datasheet
252Kb / 1P
   Ferrite Inductors
More results

Similar Description - DEM2HK2S-NNMB

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
DC-8075 BUD-DC-8075 Datasheet
101Kb / 1P
   MISSION CRITICAL CABINET
logo
Fujitsu Component Limit...
2400E3 FUJITSU-2400E3 Datasheet
467Kb / 9P
   Fujitsu Server PRIMEQUEST 2400E3 Mission Critical
2800E3 FUJITSU-2800E3 Datasheet
579Kb / 9P
   Fujitsu Server PRIMEQUEST 2800E3 Mission Critical
logo
Lanner All Rights Reser...
PGN-750 LANNER-PGN-750 Datasheet
341Kb / 1P
   Swappable 5G Radio Modem for Mission-Critical Communications
v4-2022,12,16
logo
AVX Corporation
1002857 AVX-1002857 Datasheet
428Kb / 3P
   EtherHelix™™ Mission Critical GPS Antenna
9/19/2019
logo
STMicroelectronics
AN4274 STMICROELECTRONICS-AN4274 Datasheet
409Kb / 13P
   The serial communication driver between
logo
Dialight Corporation
598-8170-102F DIALIGHT-598-8170-102F Datasheet
1Mb / 16P
   40 Years of LED Experience
logo
Tripp Lite. All Rights ...
SU10K TRIPPLITE-SU10K Datasheet
151Kb / 4P
   SmartOnline UPS System - True online power for mission critical applications
logo
STMicroelectronics
AN4178 STMICROELECTRONICS-AN4178 Datasheet
109Kb / 13P
   LIN communication with two STM8AF boards of STM8A-DISCOVERY
AN969 STMICROELECTRONICS-AN969 Datasheet
64Kb / 10P
   SCI COMMUNICATION BETWEEN ST7 AND PC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com