Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0438A Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C0438A
Description  COMMUNICATION CABLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C0438A Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C0438A Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: C0438A
Date:
7/25/2007
Revision Level:
3
3C 16 19/0.0117 TC PVC PVC
COMMUNICATION CABLE
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
#16 AWG 19/0.0117 Tinned Copper
0.013" Wall Polyvinyl Chloride
0.037 Wall Polyvinyl Chloride
0.056" nom.
CAROL (R) 16 AWG -- C0438A -- 105C TYPE PLTC 300V E60233-8 (UL) -- MADE IN USA
(DATE CODE)
3 conductors with mylar wrap.
0.176" nom.
0.082" nom.
0.250" +/- 0.013"
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
MUTUAL CAPACITANCE:
105 C
300Vrms
4.4 Ohms/1000 ft nom
37 pF/ft @ 1kHz nom
National Electrical Code
Article 725
UL Standard 13
Type PLTC
1
2
3
Black
Red
White
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C0438A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0431A GENERAL-C0431A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
C0432A GENERAL-C0432A Datasheet
58Kb / 1P
   COMMUNICATION & CONTROL CABLE
C0433A GENERAL-C0433A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
C0434A GENERAL-C0434A Datasheet
73Kb / 1P
   3C 20 7/.0121 TC PVC PVC COMMUNICATION CABLE
7/25/2007
C0435A GENERAL-C0435A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
More results

Similar Description - C0438A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C1642A GENERAL-C1642A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
C2425A GENERAL-C2425A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
C2426A GENERAL-C2426A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
C2427A GENERAL-C2427A Datasheet
74Kb / 1P
   COMMUNICATION CABLE
C2431A GENERAL-C2431A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
C2434A GENERAL-C2434A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
C2463A GENERAL-C2463A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
C2465A GENERAL-C2465A Datasheet
74Kb / 1P
   COMMUNICATION CABLE
C2467A GENERAL-C2467A Datasheet
74Kb / 1P
   COMMUNICATION CABLE
C2488A GENERAL-C2488A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
C2515A GENERAL-C2515A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com