Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR4540H52 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # DCR4540H52
Description  Phase Control Thyristor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR4540H52 Datasheet(HTML) 2 Page - Dynex Semiconductor

  DCR4540H52 Datasheet HTML 1Page - Dynex Semiconductor DCR4540H52 Datasheet HTML 2Page - Dynex Semiconductor DCR4540H52 Datasheet HTML 3Page - Dynex Semiconductor DCR4540H52 Datasheet HTML 4Page - Dynex Semiconductor DCR4540H52 Datasheet HTML 5Page - Dynex Semiconductor DCR4540H52 Datasheet HTML 6Page - Dynex Semiconductor DCR4540H52 Datasheet HTML 7Page - Dynex Semiconductor DCR4540H52 Datasheet HTML 8Page - Dynex Semiconductor DCR4540H52 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SEMICONDUCTOR
DCR4540H52
2/9
www.dynexsemi.com
CURRENT RATINGS
Tcase = 60°C unless stated otherwise
Symbol
Parameter
Test Conditions
Max.
Units
Double Side Cooled
IT(AV)
Mean on-state current
Half wave resistive load
4540
A
IT(RMS)
RMS value
-
7130
A
IT
Continuous (direct) on-state current
-
6420
A
SURGE RATINGS
Symbol
Parameter
Test Conditions
Max.
Units
ITSM
Surge (non-repetitive) on-state current
10ms half sine, Tcase = 110°C
80.0
kA
I
2t
I
2t for fusing
VR = 0
32.00
MA
2s
THERMAL AND MECHANICAL RATINGS
Symbol
Parameter
Test Conditions
Min.
Max.
Units
Rth(j-c)
Thermal resistance
– junction to case
Double side cooled
DC
-
0.004
°C/W
Rth(c-h)
Thermal resistance
– case to heatsink
Double side cooled
DC
-
0.0008
°C/W
Tvj
Virtual junction temperature
Blocking VDRM / VRRM
-40
110
°C
Tstg
Storage temperature range
-40
140
°C
Fm
Clamping force
110
130
kN


Similar Part No. - DCR4540H52

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR4500A36 DYNEX-DCR4500A36 Datasheet
251Kb / 10P
   Phase Control Thyristor
DCR4500A36 DYNEX-DCR4500A36 Datasheet
471Kb / 10P
   Phase Control Thyristor
DCR4500A36 DYNEX-DCR4500A36 Datasheet
456Kb / 10P
   Phase Control Thyristor
DCR4500A40 DYNEX-DCR4500A40 Datasheet
251Kb / 10P
   Phase Control Thyristor
DCR4500A40 DYNEX-DCR4500A40 Datasheet
471Kb / 10P
   Phase Control Thyristor
More results

Similar Description - DCR4540H52

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com