Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR1910V75 Datasheet(PDF) 9 Page - Dynex Semiconductor

Part # DCR1910V75
Description  Phase Control Thyristor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR1910V75 Datasheet(HTML) 9 Page - Dynex Semiconductor

Back Button DCR1910V75 Datasheet HTML 2Page - Dynex Semiconductor DCR1910V75 Datasheet HTML 3Page - Dynex Semiconductor DCR1910V75 Datasheet HTML 4Page - Dynex Semiconductor DCR1910V75 Datasheet HTML 5Page - Dynex Semiconductor DCR1910V75 Datasheet HTML 6Page - Dynex Semiconductor DCR1910V75 Datasheet HTML 7Page - Dynex Semiconductor DCR1910V75 Datasheet HTML 8Page - Dynex Semiconductor DCR1910V75 Datasheet HTML 9Page - Dynex Semiconductor DCR1910V75 Datasheet HTML 10Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SEMICONDUCTOR
DCR1910V85
9/10
www.dynexsemi.com
PACKAGE DETAILS
For further package information, please contact Customer Services. All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
ANODE
CATHODE
GATE
HOLE Ø3.60 X 2.00
DEEP (IN BOTH
ELECTRODES)
3rd ANGLE PROJECTION
IF IN DOUBT ASK
DO NOT SCALE
20°OFFSET (NOM.)
TO GATE TUBE
Ø110.0 MAX.
Ø73.0 NOM.
Ø73.0 NOM.
FOR PACKAGE HEIGHT
SEE TABLE
Device
Maximum
Thickness
(mm)
Minimum
Thickness
(mm)
DCR1474SV18
27.265
26.515
DCR1475SV28
27.34
26.59
DCR1476SV42
27.57
26.82
DCR1478SV48
27.69
26.94
DCR1574SV28
27.34
26.59
DCR1575SV42
27.57
26.82
DCR1576SV52
27.69
26.94
DCR4060V22
27.265
26.515
DCR3780V28
27.34
26.59
DCR3030V42
27.57
26.82
DCR2720V52
27.69
26.94
DCR2290V65
27.95
27.2
DCR1910V85
28.31
27.56
Lead length: 420mm
Lead terminal connector: M4 ring
Package outline type code: V
Fig.16 Package outline


Similar Part No. - DCR1910V75

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1910V75 DYNEX-DCR1910V75 Datasheet
142Kb / 9P
   Phase Control Thyristor Preliminary Information
More results

Similar Description - DCR1910V75

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com