Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJSRV05W-4W6_R2_00001 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJSRV05W-4W6_R2_00001
Description  LOW CAPACITANCE TVS DIODE ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSRV05W-4W6_R2_00001 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJSRV05W-4W6_R2_00001 Datasheet HTML 1Page - Pan Jit International Inc. PJSRV05W-4W6_R2_00001 Datasheet HTML 2Page - Pan Jit International Inc. PJSRV05W-4W6_R2_00001 Datasheet HTML 3Page - Pan Jit International Inc. PJSRV05W-4W6_R2_00001 Datasheet HTML 4Page - Pan Jit International Inc. PJSRV05W-4W6_R2_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
PJSRV05W-4W6
ELECTRICAL CHARACTERISTICS (TA=25
o
C unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Reverse Stand-Off Voltage
VRWM
-
-
5
V
Reverse Breakdown Voltage
VBR
I BR=1mA,
PIN 5 to 2
6
-
8
V
Reverse Leakage Current
I R
VR=5V,
PIN 5 to 2
-
-
3
A
Clamping Voltage (8/20s)
VC
I PP=1A,Any I/O
pin to pin 2
-
-
8
V
Clamping Voltage (8/20s)
VC
I PP=5A,Any I/O
pin to pin 2
-
-
10
V
Off State Junction Capacitance
CJ
0 Vdc,f=1MHz between
I/O lines and GND
-
-
1.2
pF
Off State Junction Capacitance
CJ
0 Vdc,f=1MHz between
I/O lines
-
-
0.6
pF
November 20,2012-REV.00
RATING AND CHARACTERISTIC CURVES
Fig.4 8/20μS Peak Pulse Current Waveform
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1
2
3
4
5
VR, Reverse Bias Voltage (V)
I/O to GND
Fig.2 Typical Reverse Characteristics
0
50
100
150
200
250
300
25
50
75
100
125
150
TJ, Junction Temperature(℃)
VR=5V
Fig.1 Typical Junction Capacitance
0
1
2
3
4
5
6
7.2
7.3
7.4
7.5
7.6
Vc, Clamping Voltage (V)
Fig.3 Typical Peak Clamping Voltage(8/20uS)


Similar Part No. - PJSRV05W-4W6_R2_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSRV05W-4W6-AU PANJIT-PJSRV05W-4W6-AU Datasheet
322Kb / 5P
   LOW CAPACITANCE TVS DIODE ARRAY
More results

Similar Description - PJSRV05W-4W6_R2_00001

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
   Low Capacitance TVS Diode Array
XBP1004 TOREX-XBP1004 Datasheet
169Kb / 5P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSULC0502T3 YEASHIN-YSULC0502T3 Datasheet
768Kb / 3P
   Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
LC05CD LEIDITECH-LC05CD Datasheet
145Kb / 3P
   Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP14E5UFN-G TOREX-XBP14E5UFN-G Datasheet
187Kb / 6P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSBLCXXC YEASHIN-YSBLCXXC Datasheet
1Mb / 10P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC03C YEASHIN-YSBLC03C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC08C YEASHIN-YSBLC08C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
logo
E-CMOS Corporation
ECGLBXXCG E-CMOS-ECGLBXXCG Datasheet
242Kb / 3P
   Low Capacitance TVS Diode Array
logo
Semtech Corporation
SRV08-4 SEMTECH-SRV08-4 Datasheet
503Kb / 7P
   Low Capacitance TVS Diode Array
SRDA3.3-4 SEMTECH-SRDA3.3-4_03 Datasheet
259Kb / 10P
   Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com