Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

6424T Datasheet(PDF) 4 Page - ebm-papst

Part No. 6424T
Description  DC axial compact fan
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EBMPAPST [ebm-papst]
Homepage  http://www.ebmpapst.com
Logo 

6424T Datasheet(HTML) 4 Page - ebm-papst

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DC axial compact fan
6424 T
Charts: Air flow
0
40
80
120
160
200
100
25
50
75
200
m³/h
V
100
125
150
300
2
1
50°C
30°C
CFM
S
Web data sheet XI · Page 4 of 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone +49 7724 81-0 · Fax +49 7724 81-1309 · info2@de.ebmpapst.com · www.ebmpapst.com


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn