Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1V120 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MKP1V120
Description  SIDACs 0.9 AMPERES RMS 110 thru 280 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MKP1V120 Datasheet(HTML) 4 Page - Motorola, Inc

  MKP1V120 Datasheet HTML 1Page - Motorola, Inc MKP1V120 Datasheet HTML 2Page - Motorola, Inc MKP1V120 Datasheet HTML 3Page - Motorola, Inc MKP1V120 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MKP1V120 MKP1V130
4
Motorola Thyristor Device Data
PACKAGE DIMENSIONS
NOTES:
1. POLARITY DENOTED BY CATHODE BAND.
2. LEAD DIAMETER NOT CONTROLLED WITHIN F
DIMENSION.
(DO–41)
ISSUE M
DATE 09/25/84
CASE 59–04
K
A
D
K
B
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
5.97
6.60
0.235
0.260
B
2.79
3.05
0.110
0.120
D
0.76
0.86
0.030
0.034
K
27.94
–––
1.100
–––
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does
not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of
the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Literature Distribution Centers:
USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036.
EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England.
JAPAN: Nippon Motorola Ltd.; 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan.
ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
MKP1V120/D
*MKP1V120/D*


Similar Part No. - MKP1V120

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MKP1V120 ONSEMI-MKP1V120 Datasheet
53Kb / 6P
   Sidac High Voltage
September, 2004 ??Rev. 6
MKP1V120RL ONSEMI-MKP1V120RL Datasheet
53Kb / 6P
   Sidac High Voltage
September, 2004 ??Rev. 6
MKP1V120RL ONSEMI-MKP1V120RL Datasheet
58Kb / 5P
   Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 ??240 VOLTS
October, 2006 ??Rev. 10
MKP1V120RLG ONSEMI-MKP1V120RLG Datasheet
58Kb / 5P
   Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 ??240 VOLTS
October, 2006 ??Rev. 10
MKP1V120 ONSEMI-MKP1V120_06 Datasheet
58Kb / 5P
   Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 ??240 VOLTS
October, 2006 ??Rev. 10
More results

Similar Description - MKP1V120

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MKP3V110 MOTOROLA-MKP3V110 Datasheet
85Kb / 4P
   SIDACs 1 AMPERE RMS 100 thru 135 VOLTS
MAC8D MOTOROLA-MAC8D Datasheet
79Kb / 4P
   TRIACS 8 AMPERES RMS 400 thru 800 VOLTS
MAC15SD MOTOROLA-MAC15SD Datasheet
690Kb / 8P
   TRIACS 15 AMPERES RMS 400 THRU 800 VOLTS
MAC16D MOTOROLA-MAC16D Datasheet
133Kb / 4P
   TRIACS 15 AMPERES RMS 400 thru 800 VOLTS
MAC4DCM MOTOROLA-MAC4DCM Datasheet
156Kb / 8P
   TRIACS 4.0 AMPERES RMS 600 thru 800 VOLTS
MAC8SD MOTOROLA-MAC8SD Datasheet
753Kb / 8P
   TRIACS 8 AMPERES RMS 400 THRU 800 VOLTS
MAC9D MOTOROLA-MAC9D Datasheet
78Kb / 4P
   TRIACS 8.0 AMPERES RMS 400 thru 800 VOLTS
MAC12D MOTOROLA-MAC12D Datasheet
41Kb / 2P
   TRIACS 12 AMPERES RMS 400 thru 800 VOLTS
MAC212-4 MOTOROLA-MAC212-4 Datasheet
70Kb / 4P
   TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
MAC6071 MOTOROLA-MAC6071 Datasheet
233Kb / 8P
   TRIACs 4 AMPERES RMS 200 thru 600 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com