Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MJW21192 Datasheet(PDF) 2 Page - Motorola, Inc

Part No. MJW21192
Description  8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 150 VOLTS 100 WATTS
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MJW21192 Datasheet(HTML) 2 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MJW21192 MJW21191
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (1)
(IC = 10 mAdc, IB = 0)
VCEO(sus)
150
Vdc
Collector Cutoff Current
(VCB = 250 Vdc, IE = 0)
ICES
10
µAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
10
µAdc
ON CHARACTERISTICS (1)
DC Current Gain
(IC = 4.0 Adc, VCE = 2.0 Vdc)
(IC = 8.0 Adc, VCE = 2.0 Vdc)
hFE
15
5.0
100
Collector–Emitter Saturation Voltage
(IC = 4.0 Adc, IB = 0.4 Adc)
(IC = 8.0 Adc, IB = 1.6 Adc)
VCE(sat)
1.0
2.0
Vdc
Base–Emitter On Voltage
(IC = 4.0 Adc, VCE = 2.0 Vdc)
VBE(on)
2.0
Vdc
DYNAMIC CHARACTERISTICS
Current Gain — Bandwidth Product (2)
(IC = 1.0 Adc, VCE = 10 Vdc, ftest = 1.0 MHz)
fT
4.0
MHz
(1) Pulse Test: Pulse Width
v 300 µs, Duty Cycle v 2.0%.
(2) fT = hfe• ftest.
Z
θJC(t) = r(t) RθJC
R
θJC = 1.65°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) Z
θJC(t)
P(pk)
t1
t2
DUTY
CYCLE,
D = t1/t2
Figure 2. Thermal Response
t, TIME (s)
1.0
0.1
D = 0.5
0.00001
0.0001
0.001
0.01
0.1
1.0
10
0.2
0.05
0.02
0.01
100
1000
0.01
0.1


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn