Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBL20B60CRH Datasheet(PDF) 2 Page - Sirectifier Global Corp.

Part # SBL20B60CRH
Description  Power Schottky Rectifier - 20Amp 60Volt
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

SBL20B60CRH Datasheet(HTML) 2 Page - Sirectifier Global Corp.

  SBL20B60CRH Datasheet HTML 1Page - Sirectifier Global Corp. SBL20B60CRH Datasheet HTML 2Page - Sirectifier Global Corp. SBL20B60CRH Datasheet HTML 3Page - Sirectifier Global Corp. SBL20B60CRH Datasheet HTML 4Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
http:// www.sirectsemi.com
0
2
6
10
175
AMBIENT TEMPERATURE (ºC)
Figure 1. Forward Current Derating Curve
4
150
125
100
75
50
25
8
NUMBER OF CYCLES AT 60Hz
Figure 2. Maximum Non-repetitive Surge Current
100
50
20
10
5
2
1
0
60
150
90
120
30
8.3ms Single Half-Sine-Wave
(JEDEC METHOD)
0.01
0.1
1
10
100
1000
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
Figure 3. Typical Reverse Characteristics
0
TJ =25ºC
TJ =75ºC
TJ = 125ºC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Figure 4. Typical Forward Characteristics
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
1.0
10
100
REVERSE VOLTAGE, VOLTS
Figure 5. Typical Junction Capacitance
0.1
1
4
10
100
10
100
1000
TJ = 25ºC
f = 1MHz
SBL20B60CTH/FCTH/CRH/CGH
Sirectifier Global Corp., Delaware, U.S.A.
U.S.A.: sgc@sirectsemi.com
France: ss@sirectsemi.com
Taiwan: se@sirectsemi.com
Hong Kong: hk@sirectsemi.com
China: st@sirectsemi.com Thailand: th@sirectsemi.com
Philippines: aiac@sirectsemi.com Belize: belize@sirectsemi.com


Similar Part No. - SBL20B60CRH

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
SBL20B65CTH SIRECT-SBL20B65CTH Datasheet
133Kb / 3P
   Power Schottky Rectifier - 20Amp 65Volt
More results

Similar Description - SBL20B60CRH

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
MBR20A60CTH SIRECT-MBR20A60CTH Datasheet
133Kb / 3P
   Power Schottky Rectifier - 20Amp 60Volt
logo
Kersemi Electronic Co.,...
MBR20B60FCTH KERSEMI-MBR20B60FCTH Datasheet
1Mb / 3P
   Power Schottky Rectifier - 20Amp 60Volt
logo
Sirectifier Global Corp...
MBR20L60CT SIRECT-MBR20L60CT Datasheet
141Kb / 2P
   Power Schottky Rectifier - 20Amp 60Volt
MBR20B60CTH SIRECT-MBR20B60CTH Datasheet
131Kb / 3P
   Power Schottky Rectifier - 20Amp 60Volt
MBR20L60CT SIRECT-MBR20L60CT Datasheet
133Kb / 3P
   Power Schottky Rectifier - 20Amp 60Volt
SBL20U60CTH SIRECT-SBL20U60CTH Datasheet
132Kb / 3P
   Power Schottky Rectifier - 20Amp 60Volt
SBL40L60PT SIRECT-SBL40L60PT Datasheet
178Kb / 2P
   Power Schottky Rectifier - 40Amp 60Volt
MBR4060CT SIRECT-MBR4060CT Datasheet
141Kb / 2P
   Power Schottky Rectifier - 40Amp 60Volt
SBL10SL60CTH SIRECT-SBL10SL60CTH Datasheet
132Kb / 3P
   Power Schottky Rectifier - 10Amp 60Volt
SBL30L60CT SIRECT-SBL30L60CT Datasheet
129Kb / 2P
   Power Schottky Rectifier - 30Amp 60Volt
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com