Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA1212XD-1W Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # MA1212XD-1W
Description  1W/2W, FIXED INPUT , ISOLA TED & REGULATED DUAL OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

MA1212XD-1W Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  MA1212XD-1W Datasheet HTML 1Page - Microdc power Technology Co., Ltd MA1212XD-1W Datasheet HTML 2Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MA-XD-1W&MA-XD-2W
MA-XD-1W&MA-XD-2W
MA-XD-1W&MA-XD-2W
MA-XD-1W&MA-XD-2W
MA-XD-1W&MA-XD-2W
MA-XD-1W&MA-XD-2W
MA-XD-1W&MA-XD-2W
MA-XD-1W&MA-XD-2W S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 2
Order code
Input
Output
Efficiency1
(%,Typ)
Voltage(VDC)
Voltage
(VDC)
Current(mA)
Nominal
Range
Max.
Min.
MA0512XD-1W
5
4. 75-5.25
±12
±42
±5
64
MA0515XD-1W
5
4. 75-5.25
±15
±33
±4
65
MA0509XD-2W
5
4. 75-5.25
±9
±100
±10
62
MA0512XD-2W
5
4. 75-5.25
±12
±83
±9
63
MA0515XD-2W
5
4. 75-5.25
±15
±67
±7
64
MA1212XD-1W
12
11. 4-12.6
±12
±42
±5
64
MA1215XD-1W
12
11. 4-12.6
±15
±33
±4
65
MA1209XD-2W
12
11. 4-12.6
±9
±100
±10
63
MA1212XD-2W
12
11. 4-12.6
±12
±83
±9
65
MA1215XD-2W
12
11. 4-12.6
±15
±67
±7
66
MA2412XD-1W
24
22. 8-25.2
±12
±42
±5
64
MA2415XD-1W
24
22. 8-25.2
±15
±33
±4
65
MA2409XD-2W
24
22. 8-25.2
±9
±100
±10
63
MA2412XD-2W
24
22. 8-25.2
±12
±83
±9
66
MA2415XD-2W
24
22. 8-25.2
±15
±67
±7
67
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
MA
MA
MA
MA
MA
MA
MA
MA
05
05
05
05
05
05
05
05
12
12
12
12
--------X
X
X
X
X
X
X
X
D
D
D
D
D
D
D
D
--------2W(83)
2W(83)
2W(83)
2W(83)
2W(83)
2W(83)
2W(83)
2W(83)
①Product Series
②Input Voltage
③Output Voltage
④Fixed Input
⑤DIP24 Package Style
⑥Rated Power(Output current)
1W/2W, FIXED INPUT , ISOLA TED & REGULATED DUAL OUTPUT DC-DC CONVERTER
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
Low ripple
Good dynamic feature
1KVDCIsolation
DIP24 Package
Temperature Range:-40℃ ~ +85 ℃
UL94-V0 Package
No Heatsink Required
No External Component Required
Internal SMD construction
RoHS Compliance
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
The MA_XD-1W & MA_XD-2W Series are specially
designed for applications where a group of polar
power supplies are isolated from the input power
supply in a distributed power supply system on a
circuit board.
These products apply to:
1)
Where the voltage of the input power supply is fixed
(voltage variation≤±5%);
2)
Where isolation is necessary between input
and
output (isolation voltage ≤1000VDC);
3)
Where the regulation of the output voltage and
the
output ripple noise are demanded.
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Parameter
Test conditions
Min
Typ.
Max.
Units
Line regulation
For Vin change of ±5%(1W&2W)
±0.25
%
10% to 100% full load
±1
%
Output voltage accuracy
100% full load
±3
%
Temperature drift2
100% full load
0.03
%/℃
Output ripple*
20MHz Bandwidth(1W)
10
20
mVp-p
20MHz Bandwidth(2W)
20
40
mVp-p
Output Noise*
20MHz Bandwidth(1W&2W)
50
150
mVp-p
Switching frequency
Full load, nominal
input
75
KHz
*Test ripple and noise by “ parallel cable ” met hod.See detailed operation instructions at Testing of Power
Converter section, application notes.
MICRODC
MICRODC
MICRODC
MICRODC reserves
reserves
reserves
reserves the
the
the
the copyright
copyright
copyright
copyright
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Parameter
Test conditions
Min.
Typ.
Max.
Units
Storage humidity
Tested for 1 minute and 1mA max
1000
VDC
Isolation
resistance
Test at 500VDC
1000
MΩ
Note:
1. All specifications measured at TA=25℃, humidity<75%, nominal input voltage and rated output load
unless
otherwise
specified.
2. See below recommended circuits for more details.


Similar Part No. - MA1212XD-1W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
MA1212XD-3W MICRODC-MA1212XD-3W Datasheet
973Kb / 2P
   1000VDC Isolated 3WDual&single output DIP24 Converters
More results

Similar Description - MA1212XD-1W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-YMT-3W MICRODC-WRA-YMT-3W Datasheet
490Kb / 3P
   3W, WIDE INPUT , ISOLA TED & REGULATED SINGLE/DUAL OUTPUTDC/DC CONVERTER
logo
MORNSUN Science& Techno...
IA0505S-1W5 MORNSUN-IA0505S-1W5 Datasheet
360Kb / 3P
   2W, FIXED INPUT, ISOLATED & REGULATED DUAL OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T16WE GAPTEC-1T16WE Datasheet
851Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Regulated
1T12CW GAPTEC-1T12CW Datasheet
890Kb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
1T14A-3RP GAPTEC-1T14A-3RP Datasheet
676Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated - Regulated
1T10A-1.5RP GAPTEC-1T10A-1.5RP Datasheet
1Mb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
logo
MORNSUN Science& Techno...
IF0505S-1W MORNSUN-IF0505S-1W Datasheet
504Kb / 4P
   1W, FIXED INPUT, ISOLATED & REGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
Crystek Corporation
IB0512LT-1W CRYSTEKCRYSTAL-IB0512LT-1W Datasheet
304Kb / 3P
   1W, FIXED INPUT, ISOLATED & REGULATED SINGLE OUTPUT SMD DC-DC CONVERTER
logo
MORNSUN Science& Techno...
IF_S-1WR3 MORNSUN-IF_S-1WR3 Datasheet
1Mb / 4P
   1W isolated DC-DC converter Fixed input voltage, regulated single output
2021.12.28
logo
GAPTEC Electronic GmbH ...
1T14A GAPTEC-1T14A Datasheet
1Mb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated - Regulated & Unregulated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com