Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IF-XS-1W Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # IF-XS-1W
Description  FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

IF-XS-1W Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  IF-XS-1W Datasheet HTML 1Page - Microdc power Technology Co., Ltd IF-XS-1W Datasheet HTML 2Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IF
IF
IF
IF
IF
IF
IF
IF-X
-X
-X
-X
-X
-X
-X
-XS
S
S
S
S
S
S
S----
----1
1
1
1
1
1
1
1W
W
W
W
W
W
W
W&IF
&IF
&IF
&IF
&IF
&IF
&IF
&IF-X
-X
-X
-X
-X
-X
-X
-XD
D
D
D
D
D
D
D----
----1
1
1
1
1
1
1
1W
W
W
W
W
W
W
W S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 2
Order code
Input
Output
Efficiency
(%,Typ)
Switching
Frequency
(KHz,Typ)
Voltage(VDC)
Voltage
(VDC)
Current(MA)
Nominal
Range
Max
Min
IF0505XS-W75
5
4.75-5.25
5
150
15
68
83
IF0505XS-1W
5
4.75-5.25
5
200
20
66
83
IF0509XS-1W
5
4.75-5.25
9
111
12
70
83
IF0512XS-1W
5
4.75-5.25
12
83
9
72
83
IF0515XS-1W
5
4.75-5.25
15
67
7
73
250
IF1205XS-W75
12
11.4-12.6
5
150
15
68
100
IF1205XS-1W
12
11.4-12.6
5
200
20
67
83
IF1209XS-1W
12
11.4-12.6
9
111
12
71
83
IF1212XS-1W
12
11.4-12.6
12
83
9
73
83
IF1215XS-1W
12
11.4-12.6
15
67
7
74
83
IF2405XS-W75
24
22.8-25.2
5
150
15
68
83
IF2405XS-1W
24
22.8-25.2
5
200
20
67
83
IF2409XS-1W
24
22.8-25.2
9
111
12
72
83
IF2412XS-1W
24
22.8-25.2
12
83
9
73
83
IF2415XS-1W
24
22.8-25.2
15
67
7
74
300
IF0505XD-W75
5
4.75-5.25
5
150
15
68
83
IF0505XD-1W
5
4.75-5.25
5
200
20
66
83
IF0509XD-1W
5
4.75-5.25
9
111
12
70
83
IF0512XD-1W
5
4.75-5.25
12
83
9
72
83
IF0515XD-1W
5
4.75-5.25
15
67
7
73
250
IF1205XD-W75
12
11.4-12.6
5
150
15
68
100
IF1205XD-1W
12
11.4-12.6
5
200
20
67
83
IF1209XD-1W
12
11.4-12.6
9
111
12
71
83
IF1212XD-1W
12
11.4-12.6
12
83
9
73
83
IF1215XD-1W
12
11.4-12.6
15
67
7
74
83
IF2405XD-W75
24
22.8-25.2
5
150
15
68
83
IF2405XD-1W
24
22.8-25.2
5
200
20
67
83
IF2409XD-1W
24
22.8-25.2
9
111
12
72
83
IF2412XD-1W
24
22.8-25.2
12
83
9
73
83
IF2415XD-1W
24
22.8-25.2
15
67
7
74
300
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
IF
IF
IF
IF
IF
IF
IF
IF
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
X
X
X
X
X
X
X
X
S
S
S
S
S
S
S
S
--------1
1
1
1
1
1
1
1W
W
W
W
W
W
W
W
①Product Series
②Input Voltage
③Output Voltage
④Fixed Input
⑤SIP Package
⑥Rated Power
FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
RoHS compliant
Efficiency up to 86%
SIP/DIP Package
Wide temperature performance at full
1 Watt load,-40°C to 85°C
UL 94V-0 package material
No heatsink required
Low ripple and good EMC Features
Industry standard pinout
Power sharing on output
3KVDC isolation
Continuous Short Circuit Protection
Internal SMD construction
No external components required
Good dynamic feature
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
MICRODC reserves the copyright
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
The IF_XS-1W & IF_XD-1W series are specially designed for
applications where a group of polar power supplies are
isolated from the input power supply in a distributed power
supply system on a
circuit board.
These products apply to:
1) where the voltage of the input power supply is fixed
(voltage variation ≤±5%);
2) where isolation is necessary between input and output
(isolation voltage ≤3000VDC);
3) where the regulation of the output voltage and the output
ripple noise are demanded.
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Parameter
Test conditions
Min
Typ.
Max.
Units
Output power
0.1
1
W
Line regulation
For Vin change of ±5%
±0.25
%
Load regulation
10% to 100% full load
±1
%
Output voltage accuracy
100% full load
±3
%
Temperature drift
100% full load
0.03
%/°C
Output Ripple*
20MHz Bandwidth
10
20
MV p-p
Output Noise*
20MHz Bandwidth
50
100
MV p-p
Switching frequency
Full load,nominal input
100
Khz
* Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of Power
Converter section, application notes.
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Parameter
Test conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 minute and 1mA max
3000
VDC
Isolation resistance
Test at Viso=500VDC
1000


Similar Part No. - IF-XS-1W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
IF-XS-2W MICRODC-IF-XS-2W Datasheet
467Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
More results

Similar Description - IF-XS-1W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
IF-XS-2W MICRODC-IF-XS-2W Datasheet
467Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
F-XSR MICRODC-F-XSR Datasheet
455Kb / 2P
   FIXED INPUT,ISOLATED®ULATED Single Output DC/DC Converter
IB-XLS-1W MICRODC-IB-XLS-1W Datasheet
653Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
IB-XS-2W MICRODC-IB-XS-2W Datasheet
631Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
IB0505XS-2W MICRODC-IB0505XS-2W Datasheet
389Kb / 2P
   FIXED INPUT,ISOLATED®ULATED Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IF0505S-1W MORNSUN-IF0505S-1W Datasheet
504Kb / 4P
   1W, FIXED INPUT, ISOLATED & REGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T14A-3RP GAPTEC-1T14A-3RP Datasheet
676Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated - Regulated
1T10A-1.5RP GAPTEC-1T10A-1.5RP Datasheet
1Mb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
0.75T8A GAPTEC-0.75T8A Datasheet
1Mb / 3P
   0.75W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
0.75S4A GAPTEC-0.75S4A Datasheet
1Mb / 3P
   0.75W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com