Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN2850BRU25 Datasheet(PDF) 5 Page - Analog Devices

Part # ADN2850BRU25
Description  Nonvolatile Memory, Dual 1024 Position Programmable Resistors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2850BRU25 Datasheet(HTML) 5 Page - Analog Devices

  ADN2850BRU25 Datasheet HTML 1Page - Analog Devices ADN2850BRU25 Datasheet HTML 2Page - Analog Devices ADN2850BRU25 Datasheet HTML 3Page - Analog Devices ADN2850BRU25 Datasheet HTML 4Page - Analog Devices ADN2850BRU25 Datasheet HTML 5Page - Analog Devices ADN2850BRU25 Datasheet HTML 6Page - Analog Devices ADN2850BRU25 Datasheet HTML 7Page - Analog Devices ADN2850BRU25 Datasheet HTML 8Page - Analog Devices ADN2850BRU25 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. B
ADN2850
–5–
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
°C, unless otherwise noted.)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +7 V
VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V, –7 V
VDD to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V
VB, VW to GND . . . . . . . . . . . . . . . . VSS – 0.3 V, VDD + 0.3 V
IB, IW
Intermittent
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±20 mA
Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±2 mA
Digital Inputs and Output Voltage
to GND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD + 0.3 V
Operating Temperature Range
3 . . . . . . . . . . . –40
°C to +85°C
Maximum Junction Temperature (TJ MAX) . . . . . . . . . 150
°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature, Soldering
4
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 215 C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220 C
Thermal Resistance Junction-to-Ambient
θ
JA,
LFCSP-16 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
°C/W
TSSOP-16 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C/W
Thermal Resistance Junction-to-Case
θ
JC,
TSSOP-16 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
°C/W
Package Power Dissipation = (TJ MAX – TA)/
θJA
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating; functional operation of the device
at these or any other conditions above those listed in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
2Maximum terminal current is bounded by the maximum current handling of the
switches, maximum power dissipation of the package, and maximum applied
voltage across any two of the B and W terminals at a given resistance.
3Includes programming of nonvolatile memory.
4Applicable to TSSOP-16 only. For LFCSP-16, please consult factory for details.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADN2850 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
RWB_FS
RDNL RINL
Temperature
Package
Package
Ordering
Model
(k )
(LSB)
(LSB)
Range (
°C)
Description
Option
Quantity
Top Mark
*
ADN2850BCP25
25
±2
±4
–40 to +85
LFCSP-16
CP-16
96
BCP25
ADN2850BCP25-RL7
25
±2
±4
–40 to +85
LFCSP-16
CP-16
1,000
BCP25
7
" Reel
ADN2850BCP250
250
±2
±4
–40 to +85
LFCSP-16
CP-16
96
BCP250
ADN2850BCP250-RL7
250
±2
±4
–40 to +85
LFCSP-16
CP-16
1,000
BCP250
7
" Reel
ADN2850BRU25
25
±2
±4
–40 to +85
TSSOP-16
RU-16
96
2850B25
ADN2850BRU25-RL7
25
±2
±4
–40 to +85
TSSOP-16
RU-16
1,000
2850B25
7
" Reel
*Line 1 contains product number, ADN2850, line 2 Top Mark branding contains differentiating detail by part type, line 3 contains lot number, line 4 contains product
date code YYWW.


Similar Part No. - ADN2850BRU25

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2850BRUZ25 AD-ADN2850BRUZ25 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850BRUZ25 AD-ADN2850BRUZ25 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
More results

Similar Description - ADN2850BRU25

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com