Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP1108AN-5 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP1108AN-5
Description  Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1108AN-5 Datasheet(HTML) 2 Page - Analog Devices

  ADP1108AN-5 Datasheet HTML 1Page - Analog Devices ADP1108AN-5 Datasheet HTML 2Page - Analog Devices ADP1108AN-5 Datasheet HTML 3Page - Analog Devices ADP1108AN-5 Datasheet HTML 4Page - Analog Devices ADP1108AN-5 Datasheet HTML 5Page - Analog Devices ADP1108AN-5 Datasheet HTML 6Page - Analog Devices ADP1108AN-5 Datasheet HTML 7Page - Analog Devices ADP1108AN-5 Datasheet HTML 8Page - Analog Devices ADP1108AN-5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. 0
–2–
ADP1108–SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
QUIESCENT CURRENT
IQ
Switch Off
90
150
µA
QUIESCENT CURRENT,
IQ
No Load, TA = +25
°C
BOOST MODE CONFIGURATION
ADP1108-3.3
90
µA
ADP1108-5
90
µA
ADP1108-12
90
µA
INPUT VOLTAGE
VIN
Step-Up Mode
2.0
12.6
V
Step-Down Mode
30
V
COMPARATOR TRIP POINT VOLTAGE
ADP1108
1
1.20
1.245
1.30
V
OUTPUT SENSE VOLTAGE
VOUT
ADP1108-3.3
2
3.13
3.3
3.46
V
ADP1108-5
2
4.75
5.00
5.25
V
ADP1108-12
2
11.4
12.0
12.6
V
COMPARATOR HYSTERESIS
ADP1108
5
12
mV
OUTPUT HYSTERESIS
ADP1108-3.3
13
30
mV
ADP1108-5
20
55
mV
ADP1108-12
50
100
mV
OSCILLATOR FREQUENCY
14
19
25
kHz
DUTY CYCLE
Full Load
55
70
78
%
SWITCH ON TIME
tON
ILIM Tied to VIN
25
36
48
µs
FEEDBACK PIN BIAS CURRENT
VFB = 0 V
25
200
nA
SET PIN BIAS CURRENT
VSET = VREF
60
130
nA
GAIN BLOCK OUTPUT LOW
VOL
ISINK = 100
µA, V
SET = 1.00 V
0.15
0.4
V
REFERENCE LINE REGULATION
2.0 V
≤ V
IN
≤ 5 V
0.2
0.4
%/V
5 V
≤ V
IN ≤ 30 V
0.02
0.075
%/V
SWSAT VOLTAGE, STEP-UP MODE
VSAT
VIN = 3.0 V, ISW = 650 mA
0.5
0.75
V
VIN = 5.0 V, ISW = 1 A,
0.8
1.00
V
TA = +25
°CV
SWSAT VOLTAGE, SAT
VIN = 12 V, ISW = 650 mA,
TA = +25
°C
1.1
1.5
V
STEP-DOWN MODE
1.7
V
GAIN BLOCK GAIN
AV
RL = 100K
3
400
1000
V/V
CURRENT LIMIT
220
Ω from I
LIM to VIN,
TA = +25
°C
500
mA
CURRENT LIMIT TEMPERATURE
COEFFICIENT
–0.3
%/
°C
SWITCH OFF LEAKAGE CURRENT
Measured at SW1 Pin,
TA = +25
°C1
10
µA
MAXIMUM EXCURSION BELOW GND
VSW2
1SW1
≤ 10 µA, Switch Off
TA = +25
°C
–400
–350
mV
NOTES
1This specification guarantees that both the high and low trip points of the comparator fall within the 1.20 V to 1.30 V range.
2The output voltage waveform will exhibit a sawtooth shape due to the comparator hysteresis. The output voltage on the fixed output versions will always be within the
specified range.
3100 k
Ω resistor connected between a 5 V source and the AO pin.
All limits at temperature extremes are guaranteed via correlation using standard Quality Control methods.
Specifications subject to change without notice.
(0 C to +70 C, VIN = 3.0 V unless otherwise noted)


Similar Part No. - ADP1108AN-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
    Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
More results

Similar Description - ADP1108AN-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
    Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1073 AD-ADP1073_15 Datasheet
44Kb / 2P
   Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
ADP1109A AD-ADP1109A Datasheet
143Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109 AD-ADP1109 Datasheet
131Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109A AD-ADP1109A_15 Datasheet
151Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
   Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1109 AD-ADP1109_15 Datasheet
140Kb / 8P
   Micropower Low Cost Fixed 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1111 AD-ADP1111 Datasheet
406Kb / 16P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1110 AD-ADP1110 Datasheet
418Kb / 16P
   Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1111 AD-ADP1111_09 Datasheet
322Kb / 15P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com