Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP1108AN-5 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP1108AN-5
Description  Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1108AN-5 Datasheet(HTML) 4 Page - Analog Devices

  ADP1108AN-5 Datasheet HTML 1Page - Analog Devices ADP1108AN-5 Datasheet HTML 2Page - Analog Devices ADP1108AN-5 Datasheet HTML 3Page - Analog Devices ADP1108AN-5 Datasheet HTML 4Page - Analog Devices ADP1108AN-5 Datasheet HTML 5Page - Analog Devices ADP1108AN-5 Datasheet HTML 6Page - Analog Devices ADP1108AN-5 Datasheet HTML 7Page - Analog Devices ADP1108AN-5 Datasheet HTML 8Page - Analog Devices ADP1108AN-5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADP1108
–4–
REV. 0
–Typical Performance Characteristics
SWITCH CURRENT – Amps
1.2
0.6
0
0.1 0.2
1.2
0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1
1
0.8
0.4
0.2
VIN = 2.0V
VIN = 3.0V
VIN = 5.0V
Figure 1. Saturation Voltage vs. ISWITCH
Current in Step-Up Mode
RLIM – Ω
1000
900
1100
10
1k
800
700
600
500
400
300
200
100
VIN = 12V WITH L = 250µH @ VOUT = 5V
VIN = 24V WITH L = 500µH @ VOUT = 5V
100
Figure 4. Maximum Switch Current
vs. RLIM In Step-Down Mode
TEMPERATURE –
°C
22
21
13
–40
0
85
25
70
17
16
15
14
20
19
18
Figure 7. Oscillator Frequency vs.
Temperature
SWITCH CURRENT – Amps
1.6
0.6
0
0.15
0.75
0.25
0.35
0.45
0.55
0.65
1.4
0.8
0.4
0.2
1.2
1
VCE (SAT)
0.05
Figure 2. Switch ON Voltage vs.
Switch Current In Step-Down Mode
SWITCH CURRENT – mA
100
0
0
100
900
200 300 400
600 700 800
500
90
50
30
20
10
80
70
40
60
VIN = 2V
VIN = 5V
Figure 5. Supply Current vs. Switch
Current
TEMPERATURE –
°C
67
66
57
–40
0
85
25
70
61
60
59
58
65
64
63
62
Figure 8. Duty Cycle vs. Temperature
RLIM – Ω
1100
1000
100
10
100
1k
900
800
700
600
500
400
300
200
2V < VIN < 5V
Figure 3. Maximum Switch Current
vs. RLIM In Step-Up Mode
TEMPERATURE –
°C
120
110
40
–40
0
85
25
70
80
70
60
50
100
90
Figure 6. Quiescent Current vs.
Temperature
TEMPERATURE –
°C
35
34.5
30
–40
0
85
25
70
32
31.5
31
30.5
34
33.5
33
32.5
Figure 9. Switch ON Time vs.
Temperature


Similar Part No. - ADP1108AN-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
    Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
More results

Similar Description - ADP1108AN-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
    Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1073 AD-ADP1073_15 Datasheet
44Kb / 2P
   Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
ADP1109A AD-ADP1109A Datasheet
143Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109 AD-ADP1109 Datasheet
131Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109A AD-ADP1109A_15 Datasheet
151Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
   Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1109 AD-ADP1109_15 Datasheet
140Kb / 8P
   Micropower Low Cost Fixed 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1111 AD-ADP1111 Datasheet
406Kb / 16P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1110 AD-ADP1110 Datasheet
418Kb / 16P
   Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1111 AD-ADP1111_09 Datasheet
322Kb / 15P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com