Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADP1109A Datasheet(PDF) 4 Page - Analog Devices

Part No. ADP1109A
Description  Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1109A Datasheet(HTML) 4 Page - Analog Devices

  ADP1109A Datasheet HTML 1Page - Analog Devices ADP1109A Datasheet HTML 2Page - Analog Devices ADP1109A Datasheet HTML 3Page - Analog Devices ADP1109A Datasheet HTML 4Page - Analog Devices ADP1109A Datasheet HTML 5Page - Analog Devices ADP1109A Datasheet HTML 6Page - Analog Devices ADP1109A Datasheet HTML 7Page - Analog Devices ADP1109A Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADP1109A
–4–
REV. 0
7
8
1
3
4
5
SW
VIN
SHUTDOWN
ADP1109A-12
SENSE
GND
PGND
SHUTDOWN
+
+
20 H*
MBRS130T3
12V
60mA
VIN
3.3V
22 F
33 F**
25V
*COILTRONICS CTX20-1
SUMIDA CD54-220LC
**AVX TPS SERIES
Figure 1. 3.3 V Powered Flash Memory VPP Generator
7
8
1
3
4
5
SW
VIN
SHUTDOWN
ADP1109A-12
SENSE
GND
PGND
SHUTDOWN
+
+
10 H*
MBRS130T3
12V
35mA
VIN
2V
22 F
33 F**
25V
*COILTRONICS CTX10-1
SUMIDA CD54-100LC
**AVX TPS SERIES
Figure 2. 2 V Powered Flash Memory VPP Generator
7
8
1
3
4
5
SW
VIN
SHUTDOWN
ADP1109A-5
SENSE
GND
PGND
SHUTDOWN
+
+
10 H*
MBRS130T3
5V
110mA
VIN
2V
22 F
33 F**
10V
*COILTRONICS CTX10-1
SUMIDA CD54-100LC
**AVX TPS SERIES
Figure 3. 2 V to 5 V Converter
7
8
1
3
4
5
SW
VIN
SHUTDOWN
ADP1109A-12
SENSE
GND
PGND
SHUTDOWN
+
+
10 H*
MBRS130T3
VOUT
12V
110mA
VIN
5V
22 F
47 F**
20V
*COILTRONICS CTX33-2
SUMIDA CD54-330LC
**AVX TPS SERIES
+
1 F
2k
2N4403
Figure 4. 5 V to 12 V Converter With Shutdown to 0 V at
Output
7
8
1
3
4
5
SW
VIN
SHUTDOWN
ADP1109A
GND
GND
SHUTDOWN
+
L1
33 H*
MBRS130T3
VOUT
9V
VIN
3V
C1
22 F**
16V
*COILTRONICS CTX33-2
SUMIDA CD54-330LC
**AVX TPS SERIES
R2
250k
R1
40.3k
FB
Figure 5. 3 V to 9 V Converter


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn