Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP1109 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP1109
Description  Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1109 Datasheet(HTML) 2 Page - Analog Devices

  ADP1109 Datasheet HTML 1Page - Analog Devices ADP1109 Datasheet HTML 2Page - Analog Devices ADP1109 Datasheet HTML 3Page - Analog Devices ADP1109 Datasheet HTML 4Page - Analog Devices ADP1109 Datasheet HTML 5Page - Analog Devices ADP1109 Datasheet HTML 6Page - Analog Devices ADP1109 Datasheet HTML 7Page - Analog Devices ADP1109 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
–2–
REV. 0
ADP1109–SPECIFICATIONS
Parameter
Conditions
Symbol
Min
Typ
Max
Units
QUIESCENT CURRENT
Switch Off
IQ
450
590
µA
INPUT VOLTAGE
VIN
29
V
COMPARATOR TRIP POINT
VOLTAGE
1.20
1.25
1.30
V
COMPARATOR HYSTERESIS
ADP1109
8
14
mV
OUTPUT VOLTAGE
ADP1109-3.3
2 V
≤ V
IN
≤ 3 V
VOUT
3.13
3.30
3.46
V
ADP1109-5
3 V
≤ V
IN
≤ 5 V
4.75
5.00
5.25
V
ADP1109-12
3 V
≤ V
IN
≤ 12 V
11.45
12.00
12.55
V
OUTPUT VOLTAGE RIPPLE
ADP1109-3.3
16
40
mV
ADP1109-5
20
50
mV
ADP1109-12
40
110
mV
OSCILLATOR FREQUENCY
TA = +25
°Cf
OSC
100
120
140
kHz
90
155
kHz
DUTY CYCLE
Full Load
DC
40
50
70
%
SWITCH-ON TIME
TA = +25
°Ct
ON
3.1
4.2
5.9
µs
3.0
6.5
µs
SWITCH SATURATION VOLTAGE
ISW = 500 mA
VCESAT
ADP1109-3.3
VIN = 3 V
0.4
0.8
V
ADP1109-5
VIN = 3 V
0.4
0.8
V
ADP1109-12
VIN = 5 V
0.4
0.8
V
SWITCH LEAKAGE CURRENT
VSW = 12 V, TA = +25°C1
10
µA
SHUTDOWN PIN HIGH
VIH
2.0
V
SHUTDOWN PIN LOW
VIL
0.8
V
SHUTDOWN PIN INPUT CURRENT
VSHUTDOWN = 2 V
IIH
10
µA
SHUTDOWN PIN INPUT CURRENT
VSHUTDOWN = 0.8 V
IIL
20
µA
NOTES
All limits at temperature extremes are guaranteed via correlation using standard quality control methods.
Specifications subject to change without notice.
(0 C
≤ T
A
≤ +70 C, V
IN = 3 V unless otherwise noted)
SW
GND
ADP1109-5
+
1N5818
22 F
16V
SENSE
L1
15 H
L1 = CTX15-1
VIN = 2V
VIN
300mA
at 3V INPUT
50mA
at 2V INPUT
+5V
Figure 1. 2 V to 5 V Converter
SW
GND
ADP1109-12
+
1N5818
10 F
20V
SENSE
L1
15 H
L1 = CTX15-1
VIN = 2V
VIN
40mA
at 3V INPUT
10mA
at 2V INPUT
+12V
Figure 2. 2 V to 12 V Converter
SW
GND
ADP1109-12
+
1N5818
22 F
16V
SENSE
L1
15 H
L1 = CTX15-1
VIN = 2V
VIN
300mA
at 3V INPUT
50mA
at 2V INPUT
+5V
SHUTDOWN
SHUTDOWN
Figure 3. 2 V to 5 V Converter
With Shutdown


Similar Part No. - ADP1109

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1109A AD-ADP1109A Datasheet
143Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109AAN AD-ADP1109AAN Datasheet
143Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109AAN-12 AD-ADP1109AAN-12 Datasheet
143Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109AAN-33 AD-ADP1109AAN-33 Datasheet
143Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109AAN-5 AD-ADP1109AAN-5 Datasheet
143Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
More results

Similar Description - ADP1109

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1109A AD-ADP1109A Datasheet
143Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109A AD-ADP1109A_15 Datasheet
151Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109 AD-ADP1109_15 Datasheet
140Kb / 8P
   Micropower Low Cost Fixed 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
    Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108 Datasheet
234Kb / 12P
   Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1073 AD-ADP1073_15 Datasheet
44Kb / 2P
   Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
   Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
logo
Linear Technology
LT1109 LINER-LT1109 Datasheet
212Kb / 8P
   Micropower Low Cost DC/DC Converter Adjustable and Fixed 5V, 12V
LT1109 LINER-LT1109_15 Datasheet
195Kb / 8P
   Micropower Low Cost DC/DC Converter Adjustable and Fixed 5V, 12V
logo
Analog Devices
ADP1111 AD-ADP1111 Datasheet
406Kb / 16P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com