Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ5006 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ5006
Description  35A DrMOS Power Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ5006 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ5006 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ5006 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ5006 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ5006 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ5006 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ5006 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ5006 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ5006 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ5006 Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AOZ5006
Rev. 1.5 April 2012
www.aosmd.com
Page 2 of 16
Ordering Information
AOS Green Products use reduced levels of Halogens, and are also RoHS compliant.
Please visit www.aosmd.com/web/quality/rohs_compliant.jsp for additional information.
Pin Configuration
Part Number
Ambient Temperature Range
Package
Environmental
AOZ5006QI
-40°C to +85°C
6x6 QFN-40L
Green Product
AOZ5006QI-01
VIN
VIN
VIN
VIN
VSWH
PGND
PGND
PGND
PGND
PGND
PWM
DISB#
THDN
CGND
GL
VSWH
VSWH
VSWH
VSWH
VSWH
6x6 QFN-40
(Top View)
11
HS FET
DRIVER
20
21
30
31
40
1
10
LS FET


Similar Part No. - AOZ5006

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ5007 AOSMD-AOZ5007 Datasheet
821Kb / 16P
   High-Current, High-Performance DrMOS Power Module
AOZ5007AQI AOSMD-AOZ5007AQI Datasheet
982Kb / 15P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.3 August 2022
More results

Similar Description - AOZ5006

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL99125B RENESAS-ISL99125B Datasheet
845Kb / 13P
   25A/35A DrMOS Module with Diode Emulation and PS4
January 24, 2017
logo
Intersil Corporation
ISL99125B INTERSIL-ISL99125B Datasheet
520Kb / 13P
   25A/35A DrMOS Module with Diode Emulation and PS4
January 24, 2017
logo
Alpha & Omega Semicondu...
AOZ5066 AOSMD-AOZ5066 Datasheet
826Kb / 16P
   60A DrMOS Power Module
AOZ5019 AOSMD-AOZ5019 Datasheet
616Kb / 13P
   High-Current, High-Performance DrMOS Power Module
logo
Anpec Electronics Corop...
APW8703 ANPEC-APW8703_17 Datasheet
361Kb / 19P
   High-Performance, High-Current DrMOS Power Module
logo
Alpha & Omega Semicondu...
AOZ5007 AOSMD-AOZ5007 Datasheet
821Kb / 16P
   High-Current, High-Performance DrMOS Power Module
AOZ5007AQI AOSMD-AOZ5007AQI Datasheet
982Kb / 15P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.3 August 2022
AOZ5316UQI AOSMD-AOZ5316UQI Datasheet
1Mb / 17P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.0 June 2020
AOZ5018QI AOSMD-AOZ5018QI Datasheet
1Mb / 16P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.0 December 2021
AOZ5516QI-02 AOSMD-AOZ5516QI-02 Datasheet
2Mb / 17P
   High-Current, High-Performance DrMOS Power Module
Rev. 2.0 May 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com