Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADN2809XCP Datasheet(PDF) 3 Page - Analog Devices

Part No. ADN2809XCP
Description  Multi-Rate to 2.7Gbps Clock and Data Recovery IC with Limiting Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADN2809XCP Datasheet(HTML) 3 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ADN2809
REV. PrB Oct. .2001
- 3 -
ADN2809 ELECTRICAL CHARACTERISTICS at T
A
=TMIN to TMAX, VCC=VMIN to VMAX, VEE=0V, CF=4.7
µF, 20 ohm ESR for xo unless otherwise noted
Par ameter
Conditions
Min
Typ
Max
Units
JITTER PEAKING MAXIMUM
OC-48
Gigabit Ethernet
OC-12
OC-3
0.1
0.1
0.1
0.1
dB
dB
dB
dB
CML OUTPUT FORMAT
Single-Ended Output Voltage Swing VSE
Differential Output Voltage Swing VDIFF
Rise Time (tR)
Fall Time (tF)
Output High Voltage VOH
Output Low Voltage VOL
Data Setup Time TS (Figure 1)
Data Hold Time TH (Figure 1)
See Figure 2 and Figure 6
See Figure 2 and Figure 6
20% - 80%
80% - 20%
Figure 6
Figure 6
OC48
Gigabit Ethernet
OC12
OC3
OC48
Gigabit Ethernet
OC12
OC3
300
600
VCC-0.55
150
350
750
3150
150
350
750
3150
430
860
VCC
550
1100
150
150
VCC-0.32
mV
mV
pS
pS
V
V
pS
pS
pS
pS
pS
pS
pS
pS
TEST DATA DC CHARACTERISTICS
Input Voltage Swing VSE (Figure 2)
Input Voltage Range
Single-Ended
Single-Ended
0.06
2.3
0.8
VCC+0.4
V
V
LVTTL DC CHARACTERISTICS
VOH Output High Voltage
VOL Output Low Voltage
VIH Input High Voltage
VIL Input Low Voltage
IIH Input High Current
IIL Input Low Current
IOH = -100uA (ADN2809 Sources I)
IOL = 1.0mA (ADN2809 Sinks I)
Vin = +2.4 V @ +25C
Vin = +0.5 V @ +25C
2.4
2.0
-500
0.5
0.8
50
V
V
V
V
µA
µA
REFCLK DC CHARACTERISTICS
Input Voltage Swing VSE (Figure 2)
Input Voltage Range
Single-Ended
Single-Ended
0.032
0
VCC
VCC
V
V
Note: (1) Recommended for Optimum Sensitivity.
Note: (2) Equipment Limitation.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage....................................... ....................... ...+8 V
Input Voltage (pin x or pin xto Vcc).... ........................... .TBD
Maximum Junction Temperature............................. .165 deg C
Storage Temperature Range...... ........ -65 deg C to +150 deg C
Lead Temperature (Soldering 10 sec).. ................ ....300 deg C
ESD Rating (human body model)....... ........................... ..TBD
Stress above those listed under "Absolute Maximum Ratings" may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
ORDERING GUIDE
MODEL
TEMP
RANGE
Package
Descript-ion
Option
ADN2809XCP
-40/+85
oC
LFCSP-16
CP-16
ADN2809XCP-RL
-40/+85
oC
LFCSP-16
2500 Pieces
CP-16


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn