Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADMCF340-EVALKIT Datasheet(PDF) 26 Page - Analog Devices

Part # ADMCF340-EVALKIT
Description  DashDSPTM 64-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF340-EVALKIT Datasheet(HTML) 26 Page - Analog Devices

Back Button ADMCF340-EVALKIT Datasheet HTML 22Page - Analog Devices ADMCF340-EVALKIT Datasheet HTML 23Page - Analog Devices ADMCF340-EVALKIT Datasheet HTML 24Page - Analog Devices ADMCF340-EVALKIT Datasheet HTML 25Page - Analog Devices ADMCF340-EVALKIT Datasheet HTML 26Page - Analog Devices ADMCF340-EVALKIT Datasheet HTML 27Page - Analog Devices ADMCF340-EVALKIT Datasheet HTML 28Page - Analog Devices ADMCF340-EVALKIT Datasheet HTML 29Page - Analog Devices ADMCF340-EVALKIT Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
REV. 0
ADMCF340
–26–
Also SPORT1 Flag signal (FL1) is externally available through
the FL1/DT1 Pin. This signal is used to drive the external serial
memory input reset.
With SPORT1 configured in UART Mode, the SPORT0 serial
clock (SCLK0) is externally available through the SCLK1/
SCLK0 Pin. The SPORT1 data transmit (DT1) is externally
available through the FL1/DT1 Pin.
SPORT0 Configuration
SPORT0 can be configured in the following modes:
SPORT Mode
UART Mode
SPI Mode
SPORT0 can be configured for UART Mode. In this mode,
the DR0 and RFS0 signals of the internal serial port are
connected together.
DSP
CORE
SPORT1
DT1
FL1
TFS1
RFS1
DR1
SCLK1
DSP
CORE
SPORT0
SCLK0
DT0
DR0
TFS0
RFS0
SPI
CONTROL
BLOCK
MODECTRL REGISTER (04)
SPORT1 BOOT MODE/UART MODE
MODECTRL REGISTER (15)
SPORT0 SPORT MODE/UART MODE
MODECTRL REGISTER (14..13..12)
SPORT0 SPI INTERFACE CONTROL
DT1/FL1
DR1
SCLK1/SCLK0
DT0
DR0
TFS0
RFS0
ADMCF340
Figure 18. SPORT0 and SPORT1 Internal Multiplexing (Simplied Diagram)
SPORT0 can be configured to operate as master SPI interface.
The SPI Mode is set through Bit 14 of MODECTRL Register.
When SPORT0 is configured as SPI interface, the SPORT I/O
pins assume the configuration shown in Table XI.
The Slave Select Pin automatically generates the select signal at
each word transfer. This pin can also be used as a general purpose
I/O during the SPI transfer without affecting the SPORT operations.
The SPI clock polarity and phase are configurable through
Bits 13 and 12 of MODECTRL Register. The SPI transfer using
clock phase is shown in Figure 19 and Figure 20.


Similar Part No. - ADMCF340-EVALKIT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMCF340 AD-ADMCF340_15 Datasheet
430Kb / 40P
   64-Lead Flash and ROM Memory
REV. A
More results

Similar Description - ADMCF340-EVALKIT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMCF341 AD-ADMCF341 Datasheet
1Mb / 36P
   DashDSP??28-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
REV. 0
ADMCF341 AD-ADMCF341_15 Datasheet
385Kb / 36P
   28-Lead Flash and ROM Memory, Mixed-Signal DSPs with Enhanced Analog Front End
REV. A
logo
Texas Instruments
AFE7222 TI1-AFE7222 Datasheet
1Mb / 106P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
AFE7222 TI1-AFE7222_14 Datasheet
1Mb / 107P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
AFE7222 TI-AFE7222_15 Datasheet
1Mb / 106P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
logo
Analog Devices
AD9993 AD-AD9993_17 Datasheet
2Mb / 57P
   Integrated Mixed-Signal Front End
AD73411 AD-AD73411_15 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
AD73411 AD-AD73411 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
AD9860BSTZ AD-AD9860BSTZ Datasheet
386Kb / 32P
   Mixed-Signal Front-End (MxFE) Processor
REV. 0
AD9865 AD-AD9865 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com