Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE2-115 Datasheet(PDF) 91 Page - Altera Corporation

Part # DE2-115
Description  The DE2-115 package contains all components needed to use the DE2-115 board in conjunction with a computer that runs the Microsoft Windows OS.
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

DE2-115 Datasheet(HTML) 91 Page - Altera Corporation

Back Button DE2-115 Datasheet HTML 87Page - Altera Corporation DE2-115 Datasheet HTML 88Page - Altera Corporation DE2-115 Datasheet HTML 89Page - Altera Corporation DE2-115 Datasheet HTML 90Page - Altera Corporation DE2-115 Datasheet HTML 91Page - Altera Corporation DE2-115 Datasheet HTML 92Page - Altera Corporation DE2-115 Datasheet HTML 93Page - Altera Corporation DE2-115 Datasheet HTML 94Page - Altera Corporation DE2-115 Datasheet HTML 95Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 116 page
background image
90
Figure 6-13 shows the hardware block diagram of this demonstration. The system requires a 50
MHz clock provided from the board. The PLL generates a 100MHz clock for Nios II processor and
the other controllers except for the audio controller. The audio chip is controlled by the Audio
Controller which is a user-defined SOPC component. This audio controller needs an input clock of
18.432 MHz. In this design, the clock is provided by the PLL block. The audio controller requires
the audio chip working in master mode, so the serial bit (BCK) and the left/right channel clock
(LRCK) are provided by the audio chip. The 7-segment display is controlled by the SEG7
Controller which also is a user-defined SOPC component. Two PIO pins are connected to the I2C
bus. The I2C protocol is implemented by software. Four PIO pins are connected to the SD Card
socket. The IR receiver is controlled by the IR Controller which also is a user-defined SOPC
component. SD 4-Bit Mode is used to access the SD Card and is implemented by software. All of
the other SOPC components in the block diagram are SOPC Builder built-in components.
Figure 6-13
Block diagram of the SD music player demonstration
Figure 6-14 shows the software stack of this demonstration. SD 4-Bit Mode block implements the
SD 4-Bit mode protocol for reading raw data from the SD Card. The FAT block implements
FAT16/FAT32 file system for reading wave files that is stored in the SD Card. In this block, only
read function is implemented. The WAVE Lib block implements WAVE file decoding function for
extracting audio data from wave files. The I2C block implements I2C protocol for configuring
audio chip. The SEG7 block implements displaying function to display elapsed playing time. The
Audio block implements audio FIFO checking function and audio signal sending/receiving function.
The IR block acts as a control interface of the music player system.


Similar Part No. - DE2-115

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DE2 VISHAY-DE2 Datasheet
102Kb / 3P
   Incremental Resistive Encoder (32 to 128 Pulses per Turn)
Revision: 15-May-08
logo
Murata Manufacturing Co...
DE21XE2102JA2A MURATA-DE21XE2102JA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE21XE2102JA2A MURATA-DE21XE2102JA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors
DE21XE2102JA2B MURATA-DE21XE2102JA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE21XE2102JA3A MURATA-DE21XE2102JA3A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results

Similar Description - DE2-115

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
P0071 ALTERA-P0071 Datasheet
13Mb / 43P
   DE2-115 with LCD Touch Panel and Camera
logo
Zilog, Inc.
Z51F0811 ZILOG-Z51F0811 Datasheet
1Mb / 52P
   The Z51F0811 Evaluation Board contains the following components
logo
Texas Instruments
ADS1174EVM TI1-ADS1174EVM Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
ADS1146EVM TI1-ADS1146EVM Datasheet
2Mb / 27P
[Old version datasheet]   Contains all support circuitry needed for the ADS1146/ADS1246
July2009
ADS1148EVM TI1-ADS1148EVM Datasheet
1Mb / 34P
[Old version datasheet]   Contains all support circuitry needed for the ADS1148/ADS1248
logo
Analog Devices
UG-291 AD-UG-291 Datasheet
278Kb / 16P
   The SDP-S board is designed to be used in conjunction
logo
PHOENIX CONTACT
2702132 PHOENIX-2702132 Datasheet
128Kb / 10P
   The bus coupler for the PROFIBUS has 4 digital outputs and 8 digital inputs. This package contains all the necessary Inline connectors for connecting the supply and the I/Os.
2700949 PHOENIX-2700949 Datasheet
51Kb / 3P
   In addition to the basic functions, the Pro version of WebVisit contains the following macros
logo
Littelfuse
RM2000 LITTELFUSE-RM2000 Datasheet
383Kb / 2P
   The RM2000 Series is a motor-monitoring device to be used in conjunction with the 777 family of products
logo
Texas Instruments
SN74AHCT1G04DCKR TI-SN74AHCT1G04DCKR Datasheet
867Kb / 13P
[Old version datasheet]   The SN74AHCT1G04 contains one gate. The device performs the Boolean function Y = A.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com