Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ1312 Datasheet(PDF) 11 Page - Alpha & Omega Semiconductors

Part # AOZ1312
Description  Single Channel USB Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1312 Datasheet(HTML) 11 Page - Alpha & Omega Semiconductors

Back Button AOZ1312 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1312 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1312 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1312 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1312 Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1312 Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1312 Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ1312 Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ1312 Datasheet HTML 13Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AOZ1312
Rev. 1.1 July 2011
www.aosmd.com
Page 11 of 13
Package Dimensions, MSOP8_EP1
Gauge Plane
Seating Plane
Notes:
1. All dimensions are in millimeters.
2. Dimensions are inclusive of plating.
3. Package body sizes exclude mold flash and gate burrs. Mold flash at the non-lead sides should be less than 6 mils each.
4. Dimension L is measured in gauge plane.
5. Controlling dimension is millimeter, converted inch dimensions are not necessarily exact.
Symbols
A
A1
A2
b
c
D
D1
e
E
E1
E2
L
L1
L2
θ1
θ2
Dimensions in millimeters
Min.
0.81
0.05
0.76
0.25
0.13
2.90
1.55
2.90
4.70
1.3
0.40
0.90
Nom.
1.02
0.86
0.30
0.15
3.00
0.65 TYP.
3.00
4.90
0.55
0.95
0.25 BSC
12°
Max.
1.12
0.15
0.97
0.40
0.23
3.10
1.8
3.10
5.10
1.8
0.70
1.00
RECOMMENDED LAND PATTERN
D
E
E1
A
A2
e
b
A1
0.10mm
L2
L
L1
c
1
0.75
4.35
0.65
0.35
2
E2
D1
1.9
1.9
Symbols
A
A1
A2
b
c
D
D1
e
E
E1
E2
L
L1
L2
θ1
θ2
Dimensions in inches
Min.
0.032
0.002
0.030
0.010
0.005
0.116
0.06
0.116
0.185
0.05
0.016
0.035
Nom.
0.040
0.034
0.012
0.006
0.118
0.026 TYP.
0.118
0.192
0.022
0.037
0.010 BSC
12°
Max.
0.044
0.006
0.038
0.016
0.010
0.120
0.07
0.120
0.20
0.07
0.028
0.039


Similar Part No. - AOZ1312

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1310 AOSMD-AOZ1310 Datasheet
519Kb / 11P
   Single Channel USB Switch
More results

Similar Description - AOZ1312

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1310 AOSMD-AOZ1310 Datasheet
519Kb / 11P
   Single Channel USB Switch
logo
Analog Intergrations Co...
AIC6161 AIC-AIC6161 Datasheet
182Kb / 9P
   0.5A Single Channel USB Switch
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625_06 Datasheet
400Kb / 15P
   USB Single-Channel Power Switch
logo
Analog Intergrations Co...
AIC6162 AIC-AIC6162 Datasheet
194Kb / 9P
   0.75A Single Channel USB Switch
AIC6163 AIC-AIC6163 Datasheet
186Kb / 9P
   1A Single Channel USB Switch
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625 Datasheet
395Kb / 8P
   USB Single-Channel Power Switch
logo
Analog Intergrations Co...
AIC6164 AIC-AIC6164 Datasheet
181Kb / 9P
   1.5A Single Channel USB Switch
logo
Advanced Analog Technol...
AAT4625 AAT-AAT4625 Datasheet
400Kb / 15P
   USB Single-Channel Power Switch
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
logo
Analog Intergrations Co...
AIC6191 AIC-AIC6191 Datasheet
217Kb / 9P
   Single Channel Bare-Bone USB Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com