Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM5121PWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5121PWR
Description  2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5121PWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM5121PWR Datasheet HTML 6Page - Texas Instruments PCM5121PWR Datasheet HTML 7Page - Texas Instruments PCM5121PWR Datasheet HTML 8Page - Texas Instruments PCM5121PWR Datasheet HTML 9Page - Texas Instruments PCM5121PWR Datasheet HTML 10Page - Texas Instruments PCM5121PWR Datasheet HTML 11Page - Texas Instruments PCM5121PWR Datasheet HTML 12Page - Texas Instruments PCM5121PWR Datasheet HTML 13Page - Texas Instruments PCM5121PWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 107 page
background image
PCM5121, PCM5122
SLAS763A – AUGUST 2012 – REVISED SEPTEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, AVDD = CPVDD = DVDD = 3.3V, fS = 48kHz, system clock = 512fS and 24-bit data unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Dynamic Performance (PCM Mode)(2)(3) (Values shown for two devices PCM5122 / PCM5121)
fS = 48kHz
–93 / –92
–83 / –82
THD+N at -1 dB(3)
fS = 96kHz
–93 / –92
fS = 192kHz
–93 / –92
Dynamic range(3)
EIAJ, A-weighted, fS = 48kHz
106 / 100
112 / 106
EIAJ, A-weighted, fS = 96kHz
112 / 106
EIAJ, A-weighted, fS = 192kHz
112 / 106
Signal-to-noise ratio(3)
EIAJ, A-weighted, fS = 48kHz
112 / 106
dB
EIAJ, A-weighted, fS = 96kHz
112 / 106
EIAJ, A-weighted, fS = 192kHz
112 / 106
Signal to noise ratio with analog
EIAJ, A-weighted, fS = 48kHz
113
123
mute(3)(4)
EIAJ, A-weighted, fS = 96kHz
113
123
EIAJ, A-weighted, fS = 192kHz
113
123
Channel Separation
fS = 48kHz
100 / 95
109 / 103
fS = 96kHz
100 / 95
109 / 103
fS = 192kHz
100 / 95
109 / 103
(2)
Filter condition: THD+N: 20Hz HPF, 20kHz AES17 LPF Dynamic range: 20Hz HPF, 20kHz AES17 LPF, A-weighted Signal-to-noise
ratio: 20Hz HPF, 20kHz AES17 LPF, A-weighted Channel separation: 20Hz HPF, 20kHz AES17 LPF Analog performance specifications
are measured using the System Two Cascade™ audio measurement system by Audio Precision™ in the RMS mode.
(3)
Output load is 10k
Ω, with 470Ω output resistor and a 2.2nF shunt capacitor (see recommended output filter).
(4)
Assert XSMT or both L-ch and R-ch PCM data are BPZ
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: PCM5121 PCM5122


Similar Part No. - PCM5121PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5121PWR TI1-PCM5121PWR Datasheet
2Mb / 120P
[Old version datasheet]   Audio Stereo DAC
More results

Similar Description - PCM5121PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5141 TI1-PCM5141_14 Datasheet
2Mb / 111P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121_14 Datasheet
2Mb / 108P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141 Datasheet
2Mb / 110P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5100 TI1-PCM5100 Datasheet
795Kb / 31P
[Old version datasheet]   2VRMS DirectPath, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
MAY2011
PCM5100A TI1-PCM5100A Datasheet
793Kb / 32P
[Old version datasheet]   2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5102-Q1 TI1-PCM5102-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5101APWR TI1-PCM5101APWR Datasheet
1Mb / 35P
[Old version datasheet]   112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5242 TI-PCM5242_15 Datasheet
2Mb / 128P
[Old version datasheet]   PCM5242 4.2-VRMS DirectPath?? 114-dB Audio Stereo Differential-Output DAC with 32-bit, 384-kHz PCM Interface
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
[Old version datasheet]   384kHz PCM Interface
logo
Cirrus Logic
WM8524 CIRRUS-WM8524 Datasheet
290Kb / 25P
   24-bit 192kHz Stereo DAC with 2Vrms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com