Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM5121PW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5121PW
Description  2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5121PW Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM5121PW Datasheet HTML 2Page - Texas Instruments PCM5121PW Datasheet HTML 3Page - Texas Instruments PCM5121PW Datasheet HTML 4Page - Texas Instruments PCM5121PW Datasheet HTML 5Page - Texas Instruments PCM5121PW Datasheet HTML 6Page - Texas Instruments PCM5121PW Datasheet HTML 7Page - Texas Instruments PCM5121PW Datasheet HTML 8Page - Texas Instruments PCM5121PW Datasheet HTML 9Page - Texas Instruments PCM5121PW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 107 page
background image
PCM5121, PCM5122
SLAS763A – AUGUST 2012 – REVISED SEPTEMBER 2012
www.ti.com
PCM512x pin assignments-3 MODE1 tied DGND and MODE2 tied DGND : Hardwired mode
PCM512x (top view)
The H/W mode has digital gain and attenuation level control by decoding external ATT2 (11 pin), ATT1 (12 pin),
and ATT0 (pin 13). Table 1 shows the pins used to set gain and attenuation levels.
Table 4. Gain and Attenuation in Hardware Mode
ATT pin condition (ATT2 : ATT1 :
Gain and Attenuation level
ATT0)
( 0 0 0 )
0 dB
( 0 0 1 )
+ 3 dB
( 0 1 0 )
+ 6 dB
( 0 1 1 )
+ 9 dB
( 1 0 0 )
+ 12 dB
( 1 0 1 )
+ 15 dB
( 1 1 0 )
- 6 dB
( 1 1 1 )
- 3 dB
Table 5. PCM512x Hardwired mode Terminal Functions
Terminal
I/O
Description
Name
Pin
CPVDD
1
-
Charge pump power supply, 3.3V
CAPP
2
O
Charge pump flying capacitor terminal for positive rail
CPGND
3
-
Charge pump ground
CAPM
4
O
Charge pump flying capacitor terminal for negative rail
VNEG
5
O
Negative charge pump rail terminal for decoupling, -3.3V
OUTL
6
O
Analog output from DAC left channel
OUTR
7
O
Analog output from DAC right channel
AVDD
8
-
Analog power supply, 3.3V
AGND
9
-
Analog ground
DEMP
10
I
De-emphasis control for 44.1kHz sampling rate(1): Off (Low) / On (High)
ATT2
11
I
Digital gain and attenuation control pin (1)
ATT1
12
I
Digital gain and attenuation control pin(1)
ATT0
13
I
Digital gain and attenuation control pin
I2S Master clock select pin : Master (High) BCK/LRCK outputs, Slave (Low) BCK/LRCK
MAST
14
I
inputs
AGNS
15
I
Analog gain selector : 0dB 2VRMS output (Low), -6dB 1VRMS output (High)
GPO
16
O
General Purpose Output (Low level)
(1)
Failsafe LVCMOS Schmitt trigger input.
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: PCM5121 PCM5122


Similar Part No. - PCM5121PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5121PW TI1-PCM5121PW Datasheet
2Mb / 120P
[Old version datasheet]   Audio Stereo DAC
PCM5121PWR TI1-PCM5121PWR Datasheet
2Mb / 120P
[Old version datasheet]   Audio Stereo DAC
More results

Similar Description - PCM5121PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5141 TI1-PCM5141_14 Datasheet
2Mb / 111P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121_14 Datasheet
2Mb / 108P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141 Datasheet
2Mb / 110P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5100 TI1-PCM5100 Datasheet
795Kb / 31P
[Old version datasheet]   2VRMS DirectPath, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
MAY2011
PCM5100A TI1-PCM5100A Datasheet
793Kb / 32P
[Old version datasheet]   2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5102-Q1 TI1-PCM5102-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5101APWR TI1-PCM5101APWR Datasheet
1Mb / 35P
[Old version datasheet]   112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5242 TI-PCM5242_15 Datasheet
2Mb / 128P
[Old version datasheet]   PCM5242 4.2-VRMS DirectPath?? 114-dB Audio Stereo Differential-Output DAC with 32-bit, 384-kHz PCM Interface
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
[Old version datasheet]   384kHz PCM Interface
logo
Cirrus Logic
WM8524 CIRRUS-WM8524 Datasheet
290Kb / 25P
   24-bit 192kHz Stereo DAC with 2Vrms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com