Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM5122 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5122
Description  2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5122 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM5122 Datasheet HTML 5Page - Texas Instruments PCM5122 Datasheet HTML 6Page - Texas Instruments PCM5122 Datasheet HTML 7Page - Texas Instruments PCM5122 Datasheet HTML 8Page - Texas Instruments PCM5122 Datasheet HTML 9Page - Texas Instruments PCM5122 Datasheet HTML 10Page - Texas Instruments PCM5122 Datasheet HTML 11Page - Texas Instruments PCM5122 Datasheet HTML 12Page - Texas Instruments PCM5122 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 107 page
background image
PCM5121, PCM5122
www.ti.com
SLAS763A – AUGUST 2012 – REVISED SEPTEMBER 2012
ELECTRICAL CHARACTERISTICS
All specifications at TA = 25°C, AVDD = CPVDD = DVDD = 3.3V, fS = 48kHz, system clock = 512fS and 24-bit data unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
16
24
32
Bits
Data Format (PCM Mode)
Audio data interface format
I2S, left justified, right justified and TDM
Audio data bit length
16, 24, 32-bit acceptable
Audio data format
MSB First, 2s Complement
fS
(1)
Sampling frequency
8
384
kHz
Clocks
System clock frequency
64, 128, 192, 256, 384, 512, 768, 1024, 1152,
1536, 2048, or 3072
fSCK, up to 50Mhz
Clock divider uses fractional divide
6.7
20
MHz
D > 0, P=1
PLL Input Frequency
(SCL Clock Frequency 400 kHz)
Clock divider uses integer divide
1
20
MHz
D = 0, P=1
Digital Input/Output
Logic Family: 3.3V LVCMOS compatible
VIH
0.7×DVDD
Input logic level
V
VIL
0.3×DVDD
IIH
VIN = VDD
10
Input logic current
µA
IIL
VIN = 0V
–10
VOH
IOH = –4mA
0.8×DVDD
Output logic level
V
VOL
IOL = 4mA
0.22×DVD
D
Logic Family 1.8V LVCMOS compatible
VIH
0.7×DVDD
Input logic level
V
VIL
0.3×DVDD
IIH
VIN = VDD
10
Input logic current
µA
IIL
VIN = 0V
–10
VOH
IOH = –2mA
0.8×DVDD
Output logic level
V
VOL
IOL = 2mA
0.22×DVD
D
(1)
One sample time si defined as the reciprocal of the sampling frequency. 1tS = 1/fS
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: PCM5121 PCM5122


Similar Part No. - PCM5122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5122 TI1-PCM5122 Datasheet
2Mb / 108P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5122PW TI1-PCM5122PW Datasheet
2Mb / 120P
[Old version datasheet]   Audio Stereo DAC
PCM5122PWR TI1-PCM5122PWR Datasheet
2Mb / 120P
[Old version datasheet]   Audio Stereo DAC
More results

Similar Description - PCM5122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5141 TI1-PCM5141_14 Datasheet
2Mb / 111P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121_14 Datasheet
2Mb / 108P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141 Datasheet
2Mb / 110P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5100 TI1-PCM5100 Datasheet
795Kb / 31P
[Old version datasheet]   2VRMS DirectPath, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
MAY2011
PCM5100A TI1-PCM5100A Datasheet
793Kb / 32P
[Old version datasheet]   2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5102-Q1 TI1-PCM5102-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5101APWR TI1-PCM5101APWR Datasheet
1Mb / 35P
[Old version datasheet]   112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5242 TI-PCM5242_15 Datasheet
2Mb / 128P
[Old version datasheet]   PCM5242 4.2-VRMS DirectPath?? 114-dB Audio Stereo Differential-Output DAC with 32-bit, 384-kHz PCM Interface
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
[Old version datasheet]   384kHz PCM Interface
logo
Cirrus Logic
WM8524 CIRRUS-WM8524 Datasheet
290Kb / 25P
   24-bit 192kHz Stereo DAC with 2Vrms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com